Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562TMX/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LP5562TMX/NOPB.B
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562TMX/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LP5562TMX/NOPB.B Datasheet HTML 1Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 2Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
R
W
SDA
ADDR
SEL1
CLK32K
EN/VCC
1
2
3
4
SCL
C
B
A
ADDR
SEL0
VDD
GND
G
B
BIAS
LED
DRIVER
DIGITAL
B
SDA
R
G
EN/VCC
CLK_ 32K
1
2
3
4
VDD
A
B
C
GND
SCL
ADDR
SEL0
ADDR
SEL1
W
BIAS
LED
DRIVER
DIGITAL
3
LP5562
www.ti.com
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
A: Analog; G: Ground; P: Power pin; I: Input pin; I/O: Input/Output pin; O: Output pin.
5 Pin Configuration and Functions
YQE Package
12-Pin DSBGA
Top View
YQE Package
12-Pin DSBGA
Bottom View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
A1
W
A
LED driver current sink terminal
A2
VDD
P
Power supply
A3
CLK_32K
I
External 32-kHz clock input
A4
B
A
LED driver current sink terminal
B1
ADDR_SEL1
I
I2C address selection pin
B2
ADDR_SEL0
I
I2C address selection pin
B3
GND
G
Ground
B4
G
A
LED driver current sink terminal
C1
SDA
I/O
I2C serial interface data input/output
C2
SCL
I
I2C serial interface clock
C3
EN/VCC
P
Enable/Logic power supply
C4
R
A
LED driver current sink terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com