Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5951 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP5951
Description  LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5951 Datasheet(HTML) 2 Page - Texas Instruments

  LP5951 Datasheet HTML 1Page - Texas Instruments LP5951 Datasheet HTML 2Page - Texas Instruments LP5951 Datasheet HTML 3Page - Texas Instruments LP5951 Datasheet HTML 4Page - Texas Instruments LP5951 Datasheet HTML 5Page - Texas Instruments LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LP5951
SNVS345G – JUNE 2006 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................... 8
1
Features .................................................................. 1
7.4
Device Functional Modes.......................................... 9
2
Applications ........................................................... 1
8
Application and Implementation ........................ 10
3
Description ............................................................. 1
8.1
Application Information............................................ 10
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 10
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 13
6
Specifications......................................................... 4
9.1
Output Current Derating......................................... 13
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 14
6.2
ESD Ratings.............................................................. 4
10.1
Layout Guidelines ................................................. 14
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Example .................................................... 14
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 15
6.5
Electrical Characteristics........................................... 5
11.1
Device Support .................................................... 15
6.6
Enable Control Characteristics ................................. 5
11.2
Documentation Support ....................................... 15
6.7
Transient Characteristics .......................................... 5
11.3
Trademarks ........................................................... 15
6.8
Output Capacitor, Recommended Specification ....... 6
11.4
Electrostatic Discharge Caution ............................ 15
6.9
Typical Characteristics .............................................. 6
11.5
Glossary ................................................................ 15
7
Detailed Description .............................................. 8
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................... 8
Information ........................................................... 15
7.2
Functional Block Diagram ......................................... 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (May 2013) to Revision G
Page
•
Added Device Information and ESD Rating tables, Feature Description, Device Functional Modes, Application and
Implementation, Power Supply Recommendations, Layout, Device and Documentation Support, and Mechanical,
Packaging, and Orderable Information sections; updated pin names; added new thermal information; moved some
curves to Application Curves section...................................................................................................................................... 1
•
Changed wording of footnote 2 ............................................................................................................................................. 5
•
Changed values of R
θJA and "454 mW" to "511 mW" for SOT-23-5 package ................................................................... 10
Changes from Revision E (April 2013) to Revision F
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 12
2
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com