Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5951 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP5951
Description  LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5951 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5951 Datasheet HTML 9Page - Texas Instruments LP5951 Datasheet HTML 10Page - Texas Instruments LP5951 Datasheet HTML 11Page - Texas Instruments LP5951 Datasheet HTML 12Page - Texas Instruments LP5951 Datasheet HTML 13Page - Texas Instruments LP5951 Datasheet HTML 14Page - Texas Instruments LP5951 Datasheet HTML 15Page - Texas Instruments LP5951 Datasheet HTML 16Page - Texas Instruments LP5951 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
VIN - VOUT / V
0
1
2
3
4
0
0.05
0.1
0.15
D001
SOT23-5
SC70-5
0
150
LP5951-1.3
CIN, COUT = 1.0 µF
TIME (50 µs/DIV)
LP5951-1.3
TIME (10 µs/DIV)
IL = 150 mA
LP5951
www.ti.com
SNVS345G – JUNE 2006 – REVISED DECEMBER 2014
8.2.3 Application Curves
Figure 13. Enable Start-Up Time
Figure 12. Load Transient Response
9 Power Supply Recommendations
This device is designed to operate from an input supply voltage range of 1.8 V to 5.5 V. The input supply should
be well regulated and free of spurious noise. To ensure that the LP5951 output voltage is well regulated, the
input supply should be at least VOUT + 0.5 V, or 1.8 V, whichever is higher. A minimum capacitor value of 1-μF is
required to be within 1 cm of the IN pin.
9.1
Output Current Derating
Figure 14. Maximum Load Current vs VIN – VOUT,
TA = 85°C, VOUT = 1.5 V
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com