Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3222CPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # MAX3222CPWR
Description  MAX3222 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3222CPWR Datasheet(HTML) 3 Page - Texas Instruments

  MAX3222CPWR Datasheet HTML 1Page - Texas Instruments MAX3222CPWR Datasheet HTML 2Page - Texas Instruments MAX3222CPWR Datasheet HTML 3Page - Texas Instruments MAX3222CPWR Datasheet HTML 4Page - Texas Instruments MAX3222CPWR Datasheet HTML 5Page - Texas Instruments MAX3222CPWR Datasheet HTML 6Page - Texas Instruments MAX3222CPWR Datasheet HTML 7Page - Texas Instruments MAX3222CPWR Datasheet HTML 8Page - Texas Instruments MAX3222CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EN
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
ROUT2
PWRDOWN
VCC
GND
DOUT1
RIN1
ROUT1
NC
DIN1
DIN2
NC
NC − No internal connection
3
MAX3222
www.ti.com
SLLS408H – JANUARY 2000 – REVISED OCTOBER 2016
Product Folder Links: MAX3222
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DB, DW, or PW Package
20-Pin SOIC, SSOP, TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
C1+
2
—
Charge pump capacitor pin
C1-
4
—
Charge pump capacitor pin
C2+
5
—
Charge pump capacitor pin
C2-
6
—
Charge pump capacitor pin
DIN1
13
I
Driver logic input
DIN2
12
I
Driver logic input
DOUT1
17
O
RS-232 driver output
DOUT2
8
O
RS-232 driver output
EN
1
I
Receiver enable, active low
GND
18
—
Ground
NC
11,14
—
No internal connection
PWRDOWN
20
I
Driver disable, active low
RIN1
16
I
RS-232 receiver input
RIN2
9
I
RS-232 receiver input
ROUT1
15
O
Receiver logic output
ROUT2
10
O
Receiver logic output
VCC
19
—
Power Supply
V+
3
—
Charge pump capacitor pin
V-
7
—
Charge pump capacitor pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com