Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3222CPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # MAX3222CPWR
Description  MAX3222 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3222CPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button MAX3222CPWR Datasheet HTML 9Page - Texas Instruments MAX3222CPWR Datasheet HTML 10Page - Texas Instruments MAX3222CPWR Datasheet HTML 11Page - Texas Instruments MAX3222CPWR Datasheet HTML 12Page - Texas Instruments MAX3222CPWR Datasheet HTML 13Page - Texas Instruments MAX3222CPWR Datasheet HTML 14Page - Texas Instruments MAX3222CPWR Datasheet HTML 15Page - Texas Instruments MAX3222CPWR Datasheet HTML 16Page - Texas Instruments MAX3222CPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Time (us)
0
1
2
3
4
5
6
7
8
9
10
-6
-4
-2
0
2
4
6
8
D004
DIN
DOUT
ROUT
Time (us)
0
1
2
3
4
5
6
7
8
9
10
-6
-4
-2
0
2
4
6
8
D003
DIN
DOUT
ROUT
13
MAX3222
www.ti.com
SLLS408H – JANUARY 2000 – REVISED OCTOBER 2016
Product Folder Links: MAX3222
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
9.2.2 Detailed Design Procedure
•
All DIN, PWRDOWN and EN inputs must be connected to valid low or high logic levels.
•
Select capacitor values based on VCC level for best performance.
9.2.3 Application Curves
Figure 9. Loopback Waveforms
VCC = 3.3 V, Data Rate 250 kbit/s
Figure 10. Loopback Waveforms with 1-nF load
VCC = 3.3 V, Data Rate 250 kbit/s
10 Power Supply Recommendations
VCC should be between 3 V and 5.5 V. Charge pump capacitors should be chosen using table in Table 3.
11 Layout
11.1 Layout Guidelines
Keep the external capacitor traces short. This is more important on C1 and C2 nodes that have the fastest rise
and fall times. Make the impedance from MAX3222 ground pin and circuit board's ground plane as low as
possible for best ESD performance. Use wide metal and multiple vias on both sides of ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com