Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS787A Datasheet(PDF) 1 Page - Texas Instruments

Part # SLAS787A
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787A Datasheet(HTML) 1 Page - Texas Instruments

  SLAS787A Datasheet HTML 1Page - Texas Instruments SLAS787A Datasheet HTML 2Page - Texas Instruments SLAS787A Datasheet HTML 3Page - Texas Instruments SLAS787A Datasheet HTML 4Page - Texas Instruments SLAS787A Datasheet HTML 5Page - Texas Instruments SLAS787A Datasheet HTML 6Page - Texas Instruments SLAS787A Datasheet HTML 7Page - Texas Instruments SLAS787A Datasheet HTML 8Page - Texas Instruments SLAS787A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
MSP430G2231-Q1
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
MSP430G2231 Automotive Mixed-Signal Microcontroller
1 Features
2 Applications
1
•
Qualified for Automotive Applications
•
Low-Cost Sensor Systems
•
Low Supply-Voltage Range: 1.8 V to 3.6 V
3 Description
•
Ultra-Low-Power Consumption
The Texas Instruments MSP430™ family of ultra-low-
–
Active Mode: 220 µA at 1 MHz, 2.2 V
power microcontrollers consists of several devices
–
Standby Mode: 0.5 µA
featuring different sets of peripherals targeted for
various applications. The architecture, combined with
–
Off Mode (RAM Retention): 0.1 µA
five low-power modes, is optimized to achieve
•
Five Power-Saving Modes
extended
battery
life
in
portable
measurement
•
Ultra-Fast Wakeup From Standby Mode in Less
applications. The device features a powerful 16-bit
Than 1 µs
RISC CPU, 16-bit registers, and constant generators
that contribute to maximum code efficiency. The
•
16-Bit RISC Architecture, 62.5-ns Instruction
digitally controlled oscillator (DCO) allows wake-up
Cycle Time
from low-power modes to active mode in less than
•
Basic Clock Module Configurations
1 µs.
–
Internal Frequencies up to 16 MHz With One
The
MSP430G2231
devices
are
ultra-low-power
Calibrated Frequency
mixed signal microcontrollers with a built-in 16-bit
–
Internal Very Low Power Low-Frequency (LF)
timer and ten I/O pins. The MSP430G2231 devices
Oscillator
have
a
10-bit
A/D
converter
and
built-in
communication
capability
using
synchronous
–
32-kHz Crystal
protocols (SPI or I2C). For configuration details, see
–
External Digital Clock Source
Table 1.
•
16-Bit Timer_A With Two Capture/Compare
Typical applications include low-cost sensor systems
Registers
that capture analog signals, convert them to digital
•
Universal Serial Interface (USI) Supports SPI and
values, and then process the data for display or for
I2C
transmission to a host system.
•
Brownout Detector
Device Information(1)
•
10-Bit 200-ksps Analog-to-Digital Converter (ADC)
PACKAGE
With Internal Reference, Sample-and-Hold, and
ORDER NUMBER
BODY SIZE
(PIN)
Autoscan
MSP430G2231IRSARQ1
RSA (16)
4 mm x 4 mm
•
Serial Onboard Programming,
MSP430G2231IPW4RQ1
PW (14)
5 mm x 4.4 mm
No External Programming Voltage Needed,
Programmable Code Protection by Security Fuse
•
On-Chip Emulation Logic With Spy-Bi-Wire
Interface
•
For Family Members Details, See Device
Characteristics
•
Available Packages
–
14-Pin Plastic Small-Outline Thin Package
(TSSOP) (PW)
–
16-Pin QFN Package (RSA)
(1)
For the most current part, package, and ordering information,
•
For Complete Module Descriptions, See the
see the Package Option Addendum at the end of this
MSP430x2xx Family User’s Guide (SLAU144)
document, or see the TI web site at www.ti.com.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SLAS787A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS753 TI1-SLAS753 Datasheet
627Kb / 44P
MIXED SIGNAL MICROCONTROLLER
SLAS753A TI1-SLAS753A Datasheet
627Kb / 44P
MIXED SIGNAL MICROCONTROLLER
SLAS753B TI1-SLAS753B Datasheet
627Kb / 44P
MIXED SIGNAL MICROCONTROLLER
SLAS753C TI1-SLAS753C Datasheet
627Kb / 44P
MIXED SIGNAL MICROCONTROLLER
SLAS753D TI1-SLAS753D Datasheet
627Kb / 44P
MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - SLAS787A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430G2231-Q1 TI1-MSP430G2231-Q1_14 Datasheet
1Mb / 54P
Automotive Mixed-Signal Microcontroller
MSP430G2333-Q1 TI1-MSP430G2333-Q1 Datasheet
1Mb / 62P
Automotive Mixed-Signal Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com