Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS787A Datasheet(PDF) 13 Page - Texas Instruments

Part # SLAS787A
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787A Datasheet(HTML) 13 Page - Texas Instruments

Back Button SLAS787A Datasheet HTML 9Page - Texas Instruments SLAS787A Datasheet HTML 10Page - Texas Instruments SLAS787A Datasheet HTML 11Page - Texas Instruments SLAS787A Datasheet HTML 12Page - Texas Instruments SLAS787A Datasheet HTML 13Page - Texas Instruments SLAS787A Datasheet HTML 14Page - Texas Instruments SLAS787A Datasheet HTML 15Page - Texas Instruments SLAS787A Datasheet HTML 16Page - Texas Instruments SLAS787A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
MSP430G2231-Q1
www.ti.com
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
8.8.5 Timer_A2
Timer_A2 is a 16-bit timer/counter with two capture/compare registers. Timer_A2 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A2 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
Table 10. Timer_A2 Signal Connections – Device With ADC10
INPUT PIN NUMBER
MODULE
OUTPUT PIN NUMBER
DEVICE INPUT
MODULE
MODULE
OUTPUT
SIGNAL
INPUT NAME
BLOCK
PW
RSA
PW
RSA
SIGNAL
2 - P1.0
1 - P1.0
TACLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
2 - P1.0
1 - P1.0
TACLK
INCLK
3 - P1.1
2 - P1.1
TA0
CCI0A
3 - P1.1
2 - P1.1
ACLK (internal)
CCI0B
7 - P1.5
6 - P1.5
CCR0
TA0
VSS
GND
VCC
VCC
4 - P1.2
3 - P1.2
TA1
CCI1A
4 - P1.2
3 - P1.2
8 - P1.6
7 - P1.6
TA1
CCI1B
8 - P1.6
7 - P1.6
CCR1
TA1
VSS
GND
13 - P2.6
12 - P2.6
VCC
VCC
8.8.6 USI
The universal serial interface (USI) module is used for serial data communication and provides the basic
hardware for synchronous communication protocols like SPI and I2C.
8.8.7 ADC10
The ADC10 module supports fast, 10-bit analog-to-digital conversions. The module implements a 10-bit SAR
core, sample select control, reference generator and data transfer controller, or DTC, for automatic conversion
result handling, allowing ADC samples to be converted and stored without any CPU intervention.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com