Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT45 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT45
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT45 Datasheet(HTML) 2 Page - STMicroelectronics

  BAT45 Datasheet HTML 1Page - STMicroelectronics BAT45 Datasheet HTML 2Page - STMicroelectronics BAT45 Datasheet HTML 3Page - STMicroelectronics BAT45 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(1) Pulse test: tp
≤ 300µs δ< 2%.
(2) Noise figure test :
- diode is inserted in a tuned stripline circuit
- local oscillator frequency 1GHz
- local oscillator power 1mW
- intermediate frequency amplifier, tuned on 300MHz, has a noise figure 1.5dB
Matched batches available on request. Test conditions (forward voltage and/or capacitance) according to customer specification.
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
VBR
Tamb =25
°CIR =10µA
15
V
VF (1)
Tamb =25
°CIF = 1mA
0.38
V
Tamb =25
°CIF = 10mA
0.5
Tamb =25
°CIF = 30mA
1
IR (1)
Tamb =25
°CVR =6V
0.1
µA
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
CTamb =25
°CVR = 1V
f = 1MHz
1.1
pF
τ
Tamb =25
°CIF = 20mA
Krakauer Method
100
ps
F (2)
Tamb =25
°C
f = 1GHz
6
7
dB
DYNAMIC CHARACTERISTICS
2/4
BAT 45



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com