Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT45 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAT45
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT45 Datasheet(HTML) 4 Page - STMicroelectronics

  BAT45 Datasheet HTML 1Page - STMicroelectronics BAT45 Datasheet HTML 2Page - STMicroelectronics BAT45 Datasheet HTML 3Page - STMicroelectronics BAT45 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Marking: clear, ring at cathode end.
Weight: 0.15g
Cooling method: by convection and conduction
PACKAGE MECHANICAL DATA
DO 35 Glass
note 2
BA
B
C
note 1
note 1
D
D
O
/
O
/
O
/
E
E
REF.
DIMENSIONS
NOTES
Millimeters
Inches
Min.
Max.
Min.
Max.
A
3.050
4.500
0.120
0.117
1 - The lead diameter
∅ D is not controlled over zone E
2 - The minimum axial lengh within which the device may be
placed with its leads bent at right angles is 0.59”(15 mm)
B
12.7
0.500
∅ C
1.530
2.000
0.060
0.079
∅ D
0.458
0.558
0.018
0.022
E
1.27
0.050
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved.
SGS-THOM SON Microelectronics GROUP OF COMPANIES
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands
- Singapore - Spain - Sweden - Switzerland - Taiwan - United Kingdom - U.S.A.
4/4
BAT 45



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com