Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPFIT04SS Datasheet(PDF) 15 Page - Positronic.

Part # SPFIT04SS
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

SPFIT04SS Datasheet(HTML) 15 Page - Positronic.

Back Button SPFIT04SS Datasheet HTML 8Page - Positronic. SPFIT04SS Datasheet HTML 9Page - Positronic. SPFIT04SS Datasheet HTML 10Page - Positronic. SPFIT04SS Datasheet HTML 11Page - Positronic. SPFIT04SS Datasheet HTML 12Page - Positronic. SPFIT04SS Datasheet HTML 13Page - Positronic. SPFIT04SS Datasheet HTML 14Page - Positronic. SPFIT04SS Datasheet HTML 15Page - Positronic. SPFIT04SS Datasheet HTML 16Page - Positronic.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Positronic
Scorpion Accessories
THE SCIENCE OF CERTAINTY
connectpositronic.com
15
THE SCIENCE OF CERTAINTY
connectpositronic.com
15
TB
Angle brackets, fixed
female jackposts*1
TN
Boardlocks, fixed
female jackposts
W
Backshell*1
WE
Backshell, rotating male
jackscrews*1
0
Not vented
9
Vented for
improved cooling*1
TLN
Angle brackets,
boardlocks, fixed
female jackposts*1
MATERIALS
Screw
Steel with zinc plate
Jackpost, hex nut
and lock washer
Stainless steel, passivated
Knobs
Aluminum, yellow anodized
MATERIALS
Backshell
Glass-filled polyester, UL94 V-0, blue
Screws
Steel, zinc plate with chromate seal
Cable clamp
Steel with nickel plate
Cable clamp screws
Brass, zinc plate with chromate seal
T
Fixed female
jackposts
*1 For use with right angle PCB mount using code 4 or 48 in
Termination step.
*1 Not for use with module A in Layout step
or with signal contacts.
*1 For use with two N5 spacer modules in Layout step, one spacer will be needed on each end of connector.
Venting feature is a outlet hole enabling air
cooling onto a power contact. In compliance with
UL 1977, section 10.2 accessibility of live parts.
E
Rotating male
jackscrews
VENTING FEATURES
BACKSHELL
JACKPOST/JACKSCREW SYSTEMS
ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com