Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPFIT04SS Datasheet(PDF) 8 Page - Positronic.

Part # SPFIT04SS
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

SPFIT04SS Datasheet(HTML) 8 Page - Positronic.

Back Button SPFIT04SS Datasheet HTML 4Page - Positronic. SPFIT04SS Datasheet HTML 5Page - Positronic. SPFIT04SS Datasheet HTML 6Page - Positronic. SPFIT04SS Datasheet HTML 7Page - Positronic. SPFIT04SS Datasheet HTML 8Page - Positronic. SPFIT04SS Datasheet HTML 9Page - Positronic. SPFIT04SS Datasheet HTML 10Page - Positronic. SPFIT04SS Datasheet HTML 11Page - Positronic. SPFIT04SS Datasheet HTML 12Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Positronic
Scorpion General Information
connectpositronic.com
THE SCIENCE OF CERTAINTY
8
HYPERBOLOID MODULES
0.60 [0.0236]
CODE
A
B
V
14.60 [0.575]
4.40 [0.173]
W
14.60 [0.575]
8.80 [0.346]
KEYING MODULE
CODE
A
B
0
14.60 [0.575]
11.80 [0.465]
BLANK MODULES
CODE
A
B
N
14.60 [0.575]
1.62 [0.064]
N2
14.60 [0.575]
2.00 [0.079]
N3
14.60 [0.575]
3.46 [0.136]
N4
14.60 [0.575]
4.88 [0.192]
N5
14.60 [0.575]
5.60 [0.220]
For the sake of brevity, only the Male single row size 8 contact modules are shown.
Dimension shown apply for all contacts regardless of size and gender.
MODULE LAYOUTS
Scale 1:1
CONTACT TERMINATIONS DIMENSIONS
STRAIGHT SOLDER
RIGHT ANGLE SOLDER
PRESS-FIT*1
B
B
B
B
B
B
B
B
A
A
A
A
A
A
A
A
3.80
[0.150]
3.80
[0.150]
5.72
[0.225]
*1 For information of suggested straight mount PCB hole sizes, please visit our website to download SK 6370.
All Positronic products utilize solid, machined contacts.
Contact Size Chart
#4
#8
#12
#16
#18
#22
0.60mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com