Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46J Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT46J
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT46J Datasheet(HTML) 1 Page - STMicroelectronics

  BAT46J Datasheet HTML 1Page - STMicroelectronics BAT46J Datasheet HTML 2Page - STMicroelectronics BAT46J Datasheet HTML 3Page - STMicroelectronics BAT46J Datasheet HTML 4Page - STMicroelectronics BAT46J Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAT46J / BAT46W
BAT46AW /BAT46CW / BAT46SW
®
June 1999 - Ed: 2A
SMALL SIGNAL SCHOTTKY DIODE
High voltage schottky rectifier suited for SLIC pro-
tection during the card insertion operation.
DESCRIPTION
K
A
A
NC
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF
Continuous forward current
150
mA
Ptot
Power dissipation (note 1)
Tamb = 25
°C
SOD-323
230
mW
SOT-323
Tstg
Maximum storage temperature range
- 65 to +150
°C
Tj
Maximum operating junction temperature *
150
°C
TL
Maximum temperature for soldering during 10s
260
°C
Note 1: for double diodes, Ptot is the total dissipation of the both diodes.
ABSOLUTE RATINGS (limiting values)
BAT46W
A2
A2
A1
A1
K
K
BAT46CW
A2
K1
A1
K2
A1
K2
K1
A2
BAT46SW
*:
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
K2
K2
K1
K1
A
A
BAT46AW
BAT46J
A
K
46
SOT-323
SOD-323
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD VOLTAGE DROP
SURFACE MOUNT DEVICE
FEATURES AND BENEFITS
1/5


Similar Part No. - BAT46J

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT46J RECTRON-BAT46J Datasheet
360Kb / 4P
SCHOTTKY BARRIER DIODE
logo
STMicroelectronics
BAT46JFILM STMICROELECTRONICS-BAT46JFILM Datasheet
147Kb / 11P
Small signal Schottky diodes
25-Jul-2006
logo
Rectron Semiconductor
BAT46JV RECTRON-BAT46JV Datasheet
467Kb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT46J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com