Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46J Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT46J
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT46J Datasheet(HTML) 2 Page - STMicroelectronics

  BAT46J Datasheet HTML 1Page - STMicroelectronics BAT46J Datasheet HTML 2Page - STMicroelectronics BAT46J Datasheet HTML 3Page - STMicroelectronics BAT46J Datasheet HTML 4Page - STMicroelectronics BAT46J Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
Tj=25
°CIR = 100 µA
100
V
VF *
Tj=25
°CIF = 0.1 mA
0.25
V
Tj=25
°CIF = 10 mA
0.45
Tj=25
°CIF = 250 mA
1
IR**
Tj = 25
°CVR = 1.5 V
0.5
µA
Tj=60
°C5
Tj=25
°CVR = 10 V
0.8
Tj=60
°C
7.5
Tj=25
°CVR =50 V
2
Tj=60
°C15
Tj=25
°CVR =75 V
5
Tj=60
°C20
Pulse test :
* tp
= 380µs δ <2%
** tp = 5ms,
δ <2%
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Test conditions
Min.
Typ.
Max.
Unit
C
Tj=25
°CVR = 0 V
F = 1MHz
10
pF
Tj=25
°CVR =1 V
6
DYNAMIC CHARACTERISTICS
Symbol
Parameters
Value
Unit
Rth (j-a)
Junction to ambient (*)
SOD-323
550
°C/W
SOT-323
°C/W
(*) Mounted on epoxy board, with recommended pad layout.
THERMAL RESISTANCE
BAT46J / BAT46W / BAT46AW / BAT46CW / BAT46SW
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com