Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # LL4448
Description  SMALL SIGNAL SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

LL4448 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  LL4448 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. LL4448 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. LL4448 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FIG.1-FORWARD CHARACTERISTICS
TJ=25℃
TJ=100℃
1
0
2V
IF
VF
mA
1
10-1
10-2
102
103
10
FIG.2-DYNAMIC FORWARD RESISTANCE
VERSUS FORWARD CURRENT
IF
TJ= 25℃
f=1KHz
1
10-1
10-2
102
10
103
1
102
104
10
mA
rF
FIG.3-ADMISSIBLE POWER DISSIPATION
VERSUS AMBIENT TEMPERATURE
100
0
200 ℃
TA
Ptot
0
100
300
200
1000
900
800
700
600
500
400
mW
FIG. 4-RELATIVE CAPACITANCE VERSUS
VOLTAGE
TJ= 25℃
f=1MHz
2
0
10V
8
6
4
0.7
0.8
1.0
0.9
1.1
VR
Ctot(VR)
Ctot(OV)
RATINGS AND CHARACTERISTIC CURVES LL4448
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com