Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448 Datasheet(PDF) 3 Page - DAESAN ELECTRONIC CORP.

Part # LL4448
Description  SMALL SIGNAL SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

LL4448 Datasheet(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  LL4448 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. LL4448 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. LL4448 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.5-RECTIFICATION EFFICIENCY MEASUREMENT
CIRCUIT
VO
5K
2nF
VRF=2V
D.U.T.
60
FIG.6-LEAKAGE CURRENT VERSUS JUNCTION
TEMPERATURE
100
0
200 ℃
nA
103
1
102
104
10
VR= 50V
FIG.7-ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
tp
1
10-1
10-2
10S
10-3
10-5
10-4
0.1
1
100
10
IFRM
A
V=tp/T
T=1/fp
tp
IFRM
T
n=0
0.1
0.5
0.2
RATINGS AND CHARACTERISTIC CURVES LL4448
Ω
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com