Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP64/1.2/GREEN Datasheet(PDF) 2 Page - Multicomp Pro

Part # SP64/1.2/GREEN
Description  Heat Shrinks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SP64/1.2/GREEN Datasheet(HTML) 2 Page - Multicomp Pro

  SP64/1.2/GREEN Datasheet HTML 1Page - Multicomp Pro SP64/1.2/GREEN Datasheet HTML 2Page - Multicomp Pro SP64/1.2/GREEN Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
19/03/21
Heat Shrinks
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Heatshrink, 1.6mm, Black, 1.2m
SP16/1.2/Black
Heatshrink, 2.4mm, Black, 1.2m
SP24/1.2/Black
Heatshrink, 3.2mm, Black, 1.2m
SP32/1.2/Black
Heatshrink, 4.8mm, Black, 1.2m
SP48/1.2/Black
Heatshrink, 6.4mm, Black, 1.2m
SP64/1.2/Black
Heatshrink, 9.5mm, Black, 1.2m
SP95/1.2/Black
Heatshrink, 12.7mm, Black, 1.2m
SP127/1.2/Black
Heatshrink, 19mm, Black, 1.2m
SP190/1.2/Black
Heatshrink, 25.4mm, Black, 1.2m
SP254/1.2/Black
Heatshrink, 38.1mm, Black, 1.2m
SP381/1.2/Black
Heatshrink, 1.6mm, Black, 5m
SP16/5/Black
Heatshrink, 2.4mm, Black, 5m
SP24/5/Black
Heatshrink, 3.2mm, Black, 5m
SP32/5/Black
Heatshrink, 4.8mm, Black, 5m
SP48/5/Black
Heatshrink, 6.4mm, Black, 5m
SP64/5/Black
Heatshrink, 9.5mm, Black, 5m
SP95/5/Black
Heatshrink, 12.7mm, Black, 5m
SP127/5/Black
Heatshrink, 1.6mm, Clear, 1.2m
SP16/1.2/Clear
Heatshrink, 2.4mm, Clear, 1.2m
SP24/1.2/Clear
Heatshrink, 3.2mm, Clear, 1.2m
SP32/1.2/Clear
Heatshrink, 4.8mm, Clear, 1.2m
SP48/1.2/Clear
Ordering Data
Ordering Size
Min. Expanded
Diameter
Max. Recovered
Diameter
Nominal Recovered
Wall
Standard Reel
Length
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Feet
mm
1/16
1.6
0.063
1.6
0.031
0.8
0.018
0.45
500
150
3/32
2.4
0.093
2.4
0.046
1.2
0.019
0.5
500
150
1/8
3.2
0.125
3.2
0.062
1.6
0.019
0.5
500
150
3/16
4.8
0.187
4.8
0.093
2.4
0.019
0.5
500
150
1/4
6.4
0.25
6.4
0.125
3.2
0.026
0.65
250
75
3/8
9.5
0.375
9.5
0.187
4.8
0.026
0.65
250
75
1/2
12.7
0.5
12.7
0.25
6.4
0.026
0.65
250
75
3/4
19
0.75
19
0.375
9.5
0.029
0.75
200
60
1
25.4
1
25.4
0.5
12.7
0.035
0.9
200
60
11/2
38.1
1.5
38.1
0.75
19.1
0.039
1
100
30
Standard Colours : Black, Clear, Red, Yellow and Green
Part Number Table
Description
Part Number
Heatshrink, 6.4mm, Clear, 1.2m
SP64/1.2/Clear
Heatshrink, 9.5mm, Clear, 1.2m
SP95/1.2/Clear
Heatshrink, 12.7mm, Clear, 1.2m
SP127/1.2/Clear
Heatshrink, 19mm, Clear, 1.2m
SP190/1.2/Clear
Heatshrink, 25.4mm, Clear, 1.2m
SP254/1.2/Clear
Heatshrink, 38.1mm, Clear, 1.2m
SP381/1.2/Clear
Heatshrink, 1.6mm, Clear, 5m
SP16/5/Clear
Heatshrink, 2.4mm, Clear, 5m
SP24/5/Clear
Heatshrink, 3.2mm, Clear, 5m
SP32/5/Clear
Heatshrink, 4.8mm, Clear, 5m
SP48/5/Clear
Heatshrink, 6.4mm, Clear, 5m
SP64/5/Clear
Heatshrink, 9.5mm, Clear, 5m
SP95/5/Clear
Heatshrink, 12.7mm, Clear, 5m
SP127/5/Clear
Heatshrink, 1.6mm, Red, 1.2m
SP16/1.2/Red
Heatshrink, 2.4mm, Red, 1.2m
SP24/1.2/Red
Heatshrink, 3.2mm, Red, 1.2m
SP32/1.2/Red
Heatshrink, 4.8mm, Red, 1.2m
SP48/1.2/Red
Heatshrink, 6.4mm, Red, 1.2m
SP64/1.2/Red
Heatshrink, 9.5mm, Red, 1.2m
SP95/1.2/Red
Heatshrink, 12.7mm, Red, 1.2m
SP127/1.2/Red
Heatshrink, 19mm, Red, 1.2m
SP190/1.2/Red



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com