Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP64/1.2/GREEN Datasheet(PDF) 3 Page - Multicomp Pro

Part # SP64/1.2/GREEN
Description  Heat Shrinks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SP64/1.2/GREEN Datasheet(HTML) 3 Page - Multicomp Pro

  SP64/1.2/GREEN Datasheet HTML 1Page - Multicomp Pro SP64/1.2/GREEN Datasheet HTML 2Page - Multicomp Pro SP64/1.2/GREEN Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page <3>
V1.0
19/03/21
Heat Shrinks
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Description
Part Number
Heatshrink, 25.4mm, Red, 1.2m
SP254/1.2/Red
Heatshrink, 38.1mm, Red, 1.2m
SP381/1.2/Red
Heatshrink, 1.6mm, Red, 5m
SP16/5/Red
Heatshrink, 2.4mm, Red, 5m
SP24/5/Red
Heatshrink, 3.2mm, Red, 5m
SP32/5/Red
Heatshrink, 4.8mm, Red, 5m
SP48/5/Red
Heatshrink, 6.4mm, Red, 5m
SP64/5/Red
Heatshrink, 9.5mm, Red, 5m
SP95/5/Red
Heatshrink, 1.6mm, Yellow, 1.2m
SP16/1.2/Yellow
Heatshrink, 2.4mm, Yellow 1.2m
SP24/1.2/Yellow
Heatshrink, 3.2mm, Yellow 1.2m
SP32/1.2/Yellow
Heatshrink, 4.8mm, Yellow, 1.2m
SP48/1.2/Yellow
Heatshrink, 6.4mm, Yellow, 1.2m
SP64/1.2/Yellow
Heatshrink, 9.5mm, Yellow, 1.2m
SP95/1.2/Yellow
Heatshrink, 12.7mm, Yellow, 1.2m
SP127/1.2/Yellow
Heatshrink, 19mm, Yellow, 1.2m
SP190/1.2/Yellow
Heatshrink, 25.4mm, Yellow, 1.2m
SP254/1.2/Yellow
Heatshrink, 38.1mm, Yellow, 1.2m
SP381/1.2/Yellow
Heatshrink, 1.6mm, Yellow, 5m
SP16/5/Yellow
Heatshrink, 2.4mm, Yellow, 5m
SP24/5/Yellow
Heatshrink, 3.2mm, Yellow, 5m
SP32/5/Yellow
Heatshrink, 4.8mm, Yellow, 5m
SP48/5/Yellow
Heatshrink, 6.4mm, Yellow, 5m
SP64/5/Yellow
Heatshrink, 9.5mm, Yellow, 5m
SP95/5/Yellow
Heatshrink, 12.7mm, Yellow, 5m
SP127/5/Yellow
Heatshrink, 1.6mm, Green, 1.2m
SP16/1.2/Green
Heatshrink, 2.4mm, Green, 1.2m
SP24/1.2/Green
Heatshrink, 3.2mm, Green, 1.2m
SP32/1.2/Green
Heatshrink, 4.8mm, Green, 1.2m
SP48/1.2/Green
Description
Part Number
Heatshrink, 6.4mm, Green, 1.2m
SP64/1.2/Green
Heatshrink, 9.5mm, Green, 1.2m
SP95/1.2/Green
Heatshrink, 12.7mm, Green, 1.2m
SP127/1.2/Green
Heatshrink, 19mm, Green, 1.2m
SP190/1.2/Green
Heatshrink, 25.4mm, Green, 1.2m
SP254/1.2/Green
Heatshrink, 38.1mm, Green, 1.2m
SP381/1.2/Green
Heatshrink, 1.6mm, Green, 5m
SP16/5/Green
Heatshrink, 2.4mm, Green, 5m
SP24/5/Green
Heatshrink, 3.2mm, Green, 5m
SP32/5/Green
Heatshrink, 4.8mm, Green, 5m
SP48/5/Green
Heatshrink, 6.4mm, Green, 5m
SP64/5/Green
Heatshrink, 9.5mm, Green, 5m
SP95/5/Green
Heatshrink, 12.7mm, Green, 5m
SP127/5/Green
Heatshrink, 1.6mm, Blue, 1.2m
SP16/1.2/Blue
Heatshrink, 2.4mm, Blue, 1.2m
SP24/1.2/Blue
Heatshrink, 3.2mm, Blue, 1.2m
SP32/1.2/Blue
Heatshrink, 4.8mm, Blue, 1.2m
SP48/1.2/Blue
Heatshrink, 6.4mm, Blue, 1.2m
SP64/1.2/Blue
Heatshrink, 9.5mm, Blue, 1.2m
SP95/1.2/Blue
Heatshrink, 12.7mm, Blue, 1.2m
SP127/1.2/Blue
Heatshrink, 19mm, Blue, 1.2m
SP190/1.2/Blue
Heatshrink, 25.4mm, Blue, 1.2m
SP254/1.2/Blue
Heatshrink, 3.2mm, Grn/Yel, 1.2m
SP32/1.2/Green/Yel
Heatshrink, 4.8mm, Grn/Yel, 1.2m
SP48/1.2/Green/Yel
Heatshrink, 6.4mm, Grn/Yel, 1.2m
SP64/1.2/Green/Yel
Heatshrink, 9.5mm, Grn/Yel, 1.2m
SP95/1.2/Green/Yel
Heatshrink, 12.7mm, Grn/Yel, 1.2m SP127/1.2/Green/Yel
Heatshrink, 19mm, Grn/Yel, 1.2m
SP190/1.2/Green/Yel
Heatshrink, 25.4mm, Grn/Yel, 1.2m SP254/1.2/Green/Yel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com