Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG104 Datasheet(PDF) 13 Page - Texas Instruments

Part # REG104
Description  DMOS 1A Low-Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REG104 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REG104 Datasheet HTML 9Page - Texas Instruments REG104 Datasheet HTML 10Page - Texas Instruments REG104 Datasheet HTML 11Page - Texas Instruments REG104 Datasheet HTML 12Page - Texas Instruments REG104 Datasheet HTML 13Page - Texas Instruments REG104 Datasheet HTML 14Page - Texas Instruments REG104 Datasheet HTML 15Page - Texas Instruments REG104 Datasheet HTML 16Page - Texas Instruments REG104 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
REG104FA-2.5KTTT
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-
REG
104FA-2.5
REG104FA-2.5KTTT.A
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
104FA-2.5
REG104FA-2.5KTTT.B
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
104FA-2.5
REG104FA-2.5KTTTG3
Active
Production
DDPAK/
TO-263 (KTT) | 5
50 | TUBE
Yes
SN
Level-2-260C-1 YEAR
See
REG104FA-2.5KTTT
REG
104FA-2.5
REG104FA-3.3/500
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-
REG
104FA-3.3
REG104FA-3.3/500.A
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
104FA-3.3
REG104FA-3.3/500.B
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
104FA-3.3
REG104FA-5/500
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-
REG
104FA-5
REG104FA-5/500.B
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
104FA-5
REG104FA-5/500G3
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR See REG104FA-5/500
REG
104FA-5
REG104FA-A/500
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
104FA-A
REG104FA-A/500.B
Active
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 85
REG
104FA-A
REG104GA-2.5
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-
R104G25
REG104GA-2.5.A
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G25
REG104GA-2.5.B
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G25
REG104GA-2.5/2K5
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-
R104G25
REG104GA-2.5/2K5.A
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G25
REG104GA-2.5/2K5.B
Active
Production
SOT-223 (DCQ) | 6
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G25
REG104GA-3.3
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-
R104G33
REG104GA-3.3.A
Active
Production
SOT-223 (DCQ) | 6
78 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
R104G33
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com