Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3431 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS3431
Description  1.24V programmable shunt voltage reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3431 Datasheet(HTML) 2 Page - STMicroelectronics

  TS3431_07 Datasheet HTML 1Page - STMicroelectronics TS3431_07 Datasheet HTML 2Page - STMicroelectronics TS3431_07 Datasheet HTML 3Page - STMicroelectronics TS3431_07 Datasheet HTML 4Page - STMicroelectronics TS3431_07 Datasheet HTML 5Page - STMicroelectronics TS3431_07 Datasheet HTML 6Page - STMicroelectronics TS3431_07 Datasheet HTML 7Page - STMicroelectronics TS3431_07 Datasheet HTML 8Page - STMicroelectronics TS3431_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Block diagram
TS3431
2/10
1
Block diagram
Figure 1.
Block diagram
2
Absolute maximum ratings
VREF
Anode
Cathode
Reference
+
-
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
25
V
IK
Reverse breakdown current
-100 to +150
mA
IREF
Reference current
-0.05 to10
mA
Pd
Power dissipation (1)SOT23-3L
1.
Pd is calculated with Tamb = 25°C, Tj = 150°C, Rthjc = 110°C/W, Rthja = 340°C/W.
360
mW
Tstg
Storage temperature
-65 to +150
°C
ESD
Human body model (HBM)
2
kV
Machine model (MM)
200
V
Tlead
Lead temperature (soldering, 10 seconds)
250
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
IK
Cathode operating current
0.5 to 100
mA
VK
Cathode operating voltage
1.24 to 24
V
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com