Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3431 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS3431
Description  1.24V programmable shunt voltage reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3431 Datasheet(HTML) 4 Page - STMicroelectronics

  TS3431_07 Datasheet HTML 1Page - STMicroelectronics TS3431_07 Datasheet HTML 2Page - STMicroelectronics TS3431_07 Datasheet HTML 3Page - STMicroelectronics TS3431_07 Datasheet HTML 4Page - STMicroelectronics TS3431_07 Datasheet HTML 5Page - STMicroelectronics TS3431_07 Datasheet HTML 6Page - STMicroelectronics TS3431_07 Datasheet HTML 7Page - STMicroelectronics TS3431_07 Datasheet HTML 8Page - STMicroelectronics TS3431_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
TS3431
4/10
Figure 2.
Reference voltage vs. temperature
Figure 3.
Test circuit for VK = Vref
-40
0
40
80
120
1.230
1.235
1.240
1.245
1.250
I
K
= 10mA
V
K
= V
REF
Temperature (°C)
Input
Vka
Vref
Ik
Output
Figure 4.
Cathode voltage vs cathode current Figure 5.
Minimum operating current vs
temperature
0.0
0.1
0.2
0.3
0.4
0.0
0.5
1.0
1.5
T=+125°C
T=+25°C
T=-40°C
Cathode current I
K
(mA)
-40
0
40
80
120
0.0
0.1
0.2
0.3
0.4
0.5
V
K
= V
REF
Temperature (°C)
Figure 6.
Reference input current vs
temperature
Figure 7.
Dynamic impedance vs frequency
-40
0
40
80
120
0.00
0.25
0.50
0.75
1.00
Temperature (°C)
10
100
1000
10000
0.0
0.1
0.2
0.3
0.4
0.5
V
K
= V
REF
T=+25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com