Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS02E2 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS02E2
Description  BOS 6K-UI-PT10-S75
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02E2 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS02E2 Datasheet HTML 1Page - Balluff Korea Ltd. BOS02E2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 6K-UI-PT10-S75
Order Code: BOS02E2
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 291906
ETIM 6.0: EC002717
BOS02E2_1.16_2025-03-27
2 / 2
IO-Link
IO-Link Profil IDs
0x0004 SSP2.1
0x0005 SSP2.2
0x0006 SSP2.3
0x4000 Identification and
Diagnosis
IO-Link function classes
0x800C Transducer Disable
0x8101 Locator
Interface
Baud rate
COM2 (38.4 kBaud)
Interface
IO-Link-Device 1.1.3
Process data IN
1 byte
Process data OUT
1 byte
Switching output
PNP/NPN/IO-Link NO/NC
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
12 x 34 x 21.6 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
Light spot size
40 x 40 mm at 1 m
Light type
LED, red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor,
Transparent detection
Special optical feature
Transparency detection
Switching function, optical
dark-on/light-on
Wave length
632 nm
Range/Distance
Range
0...2 m
Remarks
The sensor is functional again after the overload has been eliminated.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com