Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS02E2 Datasheet (PDF) - Balluff Korea Ltd.

BOS02E2 Datasheet PDF - Balluff Korea Ltd.
Part # BOS02E2
Download  BOS02E2 Download
File Size   104.69 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOS 6K-UI-PT10-S75

BOS02E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BOS02E2 Datasheet PDF - Balluff Korea Ltd.

Part # BOS02E2
Download  BOS02E2 Click to download

File Size   104.69 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOS 6K-UI-PT10-S75

BOS02E2 Datasheet (HTML) - Balluff Korea Ltd.


BOS02E2 Product details

Basic features
Approval/Conformity CE
UKCA
cULus
WEEE
Basic standard IEC 60947-5-2
Operating mode SIO Mode
IO-Link Mode
Principle of operation Photoelectric sensor
Reference reflector BOS R-22
Series 6K
Style Square
Connection 90°




Similar Part No. - BOS02E2

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS02E0 BALLUFF-BOS02E0 Datasheet
104Kb / 2P
BOS 6K-UI-PR10-02
2025-03-27
BOS02E4 BALLUFF-BOS02E4 Datasheet
104Kb / 2P
BOS 6K-UU-PT10-S49
2025-03-27
BOS02E7 BALLUFF-BOS02E7 Datasheet
104Kb / 2P
Photoelectric Sensors
2024-08-20
BOS02EF BALLUFF-BOS02EF Datasheet
109Kb / 3P
BOS 6K-UI-LH10-S75
2025-03-26
BOS02EK BALLUFF-BOS02EK Datasheet
111Kb / 3P
BOS 6K-UI-LH12-S75
2025-03-27
More results


Similar Description - BOS02E2

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-60375 RHOMBUS-IND-T-60375 Datasheet
23Kb / 1P
UI Power Transformer
5/8/99
logo
List of Unclassifed Man...
45013 ETC1-45013 Datasheet
180Kb / 2P
TRANSFORMATEURS UI 30
logo
XFMRS Inc.
XFLP-30-200 XFMRS-XFLP-30-200 Datasheet
39Kb / 1P
6VA UI TRANSFORMER
logo
PHOENIX CONTACT
2902040 PHOENIX-2902040 Datasheet
98Kb / 6P
Signal conditioner - MINI MCR-2-UI-UI-PT
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
logo
Schneider Electric
STBXBE1300K SCHNEIDER-STBXBE1300K Datasheet
118Kb / 3P
Modicon STB - BOS internal bus extension kit
Apr 8, 2022
logo
PHOENIX CONTACT
2810939 PHOENIX-2810939 Datasheet
102Kb / 6P
Signal conditioner - MCR-C-UI-UI-DCI-NC
09/12/2020
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com