Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS02E4 Datasheet (PDF) - Balluff Korea Ltd.

BOS02E4 Datasheet PDF - Balluff Korea Ltd.
Part # BOS02E4
Download  BOS02E4 Download
File Size   104.05 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOS 6K-UU-PT10-S49

BOS02E4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BOS02E4 Datasheet PDF - Balluff Korea Ltd.

Part # BOS02E4
Download  BOS02E4 Click to download

File Size   104.05 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOS 6K-UU-PT10-S49

BOS02E4 Datasheet (HTML) - Balluff Korea Ltd.


BOS02E4 Product details

Basic features
Approval/Conformity CE
UKCA
cULus
WEEE
Basic standard IEC 60947-5-2
Principle of operation Photoelectric sensor
Reference reflector BOS R-22
Series 6K
Style Square
Optical features
Ambient light max. 5000 Lux
Beam characteristic Divergent
Light spot size 40 x 40 mm at 1 m
Light type LED, red light
Polarizing filter yes
Principle of optical operation Retroreflective sensor,
Transparent detection
Special optical feature Transparency detection
Switching function, optical dark-on/light-on
Wave length 632 nm
Connection 90°




Similar Part No. - BOS02E4

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS02E0 BALLUFF-BOS02E0 Datasheet
104Kb / 2P
BOS 6K-UI-PR10-02
2025-03-27
BOS02E2 BALLUFF-BOS02E2 Datasheet
104Kb / 2P
BOS 6K-UI-PT10-S75
2025-03-27
BOS02E7 BALLUFF-BOS02E7 Datasheet
104Kb / 2P
Photoelectric Sensors
2024-08-20
BOS02EF BALLUFF-BOS02EF Datasheet
109Kb / 3P
BOS 6K-UI-LH10-S75
2025-03-26
BOS02EK BALLUFF-BOS02EK Datasheet
111Kb / 3P
BOS 6K-UI-LH12-S75
2025-03-27
More results


Similar Description - BOS02E4

ManufacturerPart #DatasheetDescription
logo
EPCOS
B67345 EPCOS-B67345 Datasheet
96Kb / 4P
Ferrites and accessories UU 93/152/16, UI 93/104/16 Core set
B67385 EPCOS-B67385 Datasheet
99Kb / 4P
Ferrites and accessories UU 126/182/20, UI 126/119/20 Core set
logo
Tumbler Technologies + ...
T2-2S0505EH TRUMPOWER-T2-2S0505EH Datasheet
29Kb / 1P
DC/DC CONVERTERS 6K VDC Isolation, 2 Watt
logo
PREMO CORPORATION S.L
HFEF-333UV PREMO-HFEF-333UV Datasheet
160Kb / 2P
High Frequency EMI Filters with UU&R cores
logo
RFE international
UU0913H-501Y RFE-UU0913H-501Y Datasheet
175Kb / 1P
THRU-HOLE INDUCTORS UU Series: Common Mode Line Filter
logo
Amphenol Corporation
MA700 AMPHENOL-MA700 Datasheet
54Kb / 4P
Nominal 6K/30K 廓at 77째F (25째C)
logo
Balluff Korea Ltd.
BES01AN BALLUFF-BES01AN Datasheet
107Kb / 2P
BES 516-324-G-E4-C-S49-00,2
logo
Schneider Electric
STBXBE1300K SCHNEIDER-STBXBE1300K Datasheet
118Kb / 3P
Modicon STB - BOS internal bus extension kit
Apr 8, 2022
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
Balluff Korea Ltd.
18E-PO-1YA-E5-D-S4 BALLUFF-18E-PO-1YA-E5-D-S4 Datasheet
220Kb / 2P
BOS 18E-PO-1YA-E5-D-S4 BOS0015
09-03-17_18:50
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com