Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L034CIWM Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L034CIWM
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L034CIWM Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button ADC12L034CIWM Datasheet HTML 23Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 24Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 25Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 26Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 27Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 28Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 29Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 30Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Application Information (Continued)
2.1 Biasing for Various Multiplexer Configurations
Figure 11 is an example of biasing the device for single-
ended operation. The sign bit is always low. The digital
output range is 0 0000 0000 0000 to 0 1111 1111 1111. One
LSB is equal to 610 µV (2.5V/4096 LSBs).
For pseudo-differential signed operation the biasing circuit
shown in Figure 13 shows a signal AC coupled to the ADC.
This gives a digital output range of −4096 to +4095. With a
1.25V reference, 1 LSB is equal to 305 µV. Although the
ADC is not production tested with a 1.25V reference, linear-
ity error typically will not change more than 0.3 LSB. With the
ADC set to an acquisition time of 10 clock periods the input
biasing resistor needs to be 600
Ω or less. Notice though that
the input coupling capacitor needs to be made fairly large to
bring down the high pass corner. Increasing the acquisition
time to 34 clock periods (with a 5 MHz CCLK frequency)
would allow the 600
Ω to increase to 6k, which with a 1 µF
coupling capacitor would set the high pass corner at 26 Hz.
The value of R1 will depend on the value of R2.
An alternative method for biasing pseudo-differential opera-
tion is to use the +1.25V from the LM4040 to bias any
amplifier circuits driving the ADC as shown in Figure 12. The
value of the resistor pull-up biasing the LM4040-2.5 will
depend upon the current required by the op amp biasing
circuitry.
Fully differential operation is shown in Figure 14. One LSB
for this case is equal to (2.5V/4096) = 610 mV.
01183046
FIGURE 11. Single-Ended Biasing
01183048
FIGURE 12. Alternative Pseudo-Differential Biasing
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com