Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L034CIWM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L034CIWM
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L034CIWM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12L034CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC12L034CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
+ =V
A+=VD+ = +3.3 VDC,VREF+ = +2.500 VDC,VREF−=0VDC, 12-bit + sign conver-
sion mode, f
CK =fSK = 5 MHz, RS =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω, fully-differential input with fixed
1.250V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Boldface limits apply for TA =TJ =
T
MIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Multiplexer Chan-to-Chan Matching
±0.05
LSB
Power Supply Sensitivity
V
+ = +3.3V ±10%
Offset Error
±0.5
±1
LSB (max)
+ Full-Scale Error
±0.5
±1.5
LSB (max)
− Full-Scale Error
±0.5
±1.5
LSB (max)
Integral Linearity Error
±0.5
LSB
Output Data from
“12-Bit Conversion of Offset”
(see Table 5)
(Note 20)
+10
−10
LSB (max)
LSB (min)
Output Data from
“12-Bit Conversion of Full-Scale”
(see Table 5)
(Note 20)
4095
4093
LSB (max)
LSB (min)
UNIPOLAR DYNAMIC CONVERTER CHARACTERISTICS
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
f
IN = 1 kHz, VIN = 2.5 VP-P
69.4
dB
f
IN = 20 kHz, VIN = 2.5 VP-P
68.3
dB
f
IN = 40 kHz, VIN = 2.5 VPP
65.7
dB
−3 dB Full Power Bandwidth
V
IN = 2.5 VP-P, where S/(N+D) drops 3 dB
31
kHz
DIFFERENTIAL DYNAMIC CONVERTER CHARACTERISTICS
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
f
IN = 1 kHz, VIN = ±2.5V
77.0
dB
f
IN = 20 kHz, VIN = ±2.5V
73.9
dB
f
IN = 40 kHz, VIN = ±2.5V
67.0
dB
−3 dB Full Power Bandwidth
V
IN = ±2.5V, where S/(N+D) drops 3 dB
40
kHz
REFERENCE INPUT, ANALOG INPUTS AND MULTIPLEXER CHARACTERISTICS
C
REF
Reference Input Capacitance
85
pF
C
A/D
A/DIN1 and A/DIN2 Analog Input
Capacitance
75
pF
A/DIN1 and A/DIN2 Analog Input
Leakage Current
V
IN = +3.3V or VIN =0V
±0.1
±1.0
µA (max)
CH0–CH7 and COM Input Voltage
GND − 0.05
V
A+ + 0.05
V (min)
V (max)
C
CH
CH0–CH7 and COM Input
Capacitance
10
pF
C
MUXOUT MUX Output Capacitance
20
pF
Off Channel Leakage (Note 16)
CH0–CH7 and COM Pins
On Channel = 3.3V and Off Channel = 0V
−0.01
−0.3
µA (min)
On Channel = 0V and Off Channel = 3.3V
0.01
0.3
µA (max)
On Channel Leakage (Note 16)
CH0–CH7 and COM Pins
On Channel = 3.3V and Off Channel = 0V
0.01
0.3
µA (max)
On Channel = 0V and Off Channel = 3.3V
−0.01
−0.3
µA (min)
MUXOUT1 and MUXOUT2 Leakage
Current
V
MUXOUT = 3.3V or VMUXOUT = 0V
0.01
0.3
µA (max)
R
ON
MUX On Resistance
V
IN = 1.65V and VMUXOUT = 1.55V
1300
1900
Ω (max)
R
ON Matching Channel to Channel
V
IN = 1.65V and VMUXOUT = 1.55V
5
%
Channel-to-Channel Crosstalk
V
IN = 3.3 VP-P,fIN = 40 kHz
−72
dB
MUX Bandwidth
90
kHz
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com