Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002P Datasheet(PDF) 9 Page - Sames

Part # SA2002P
Description  Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002P Datasheet(HTML) 9 Page - Sames

Back Button SA2002P Datasheet HTML 5Page - Sames SA2002P Datasheet HTML 6Page - Sames SA2002P Datasheet HTML 7Page - Sames SA2002P Datasheet HTML 8Page - Sames SA2002P Datasheet HTML 9Page - Sames SA2002P Datasheet HTML 10Page - Sames SA2002P Datasheet HTML 11Page - Sames SA2002P Datasheet HTML 12Page - Sames SA2002P Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
sames
SA2002P
9/14
http://www.sames.co.za
Example of calculating Kr and Cor values
Metering specifications:
Unom
=
230V
Imax
=
80A
Meter constant
=
6400 p/kWh
Calculate the Kr value:
= 40 (round Krx up to convert to integer)
The value 39 is stored in the Kr register. The pre-divider (Cor)
value is calculated next. Cor is programmable to divide
between 481 and 512. Only the 5 least significant bits need to
Krx = 641454 / Unom / Imax / M x 3600x1000/495
Krx = 641454 / 230 / 80 / 6400 x 3600 x 1000 / 495
Krx = 39.61549
Krx
Kr = Krx-1
Kr = 39
be programmed. During the Kr calculation the value was
rounded up and any rounding error is now taken into account. A
ratio of the rounding "error" is calculated relative to the center
of the variable range of Cor (481 - 512).
Store the calculated values in the EEPROM
Ensure that the device reload its registers from the EEPROM
by means of the RLOAD pin or power down the meter and
power up again.
The meter is now set up with the correct register values but not
yet calibrated.
Measure the %Error with a Watt hour standard
The %Error will be worked back into the calculations above.
For this example we will assume a 2.83% error between the
correct energy value and energy measured by the SA2002P.
Recalculate the Kr value
The value 40 is stored in the Kr.
The Cor value must be recalculated.
Store the calculated values in the EEPROM and the meter is
calibrated.
Corr = 495 x (1 + (Krx - (Kr + 1)) / Krx)
Corr = 495 x (1 + (39.61549 - 40) / 39.61549)
Corr = 495 x 0.990294
Corr = 490.1955
Corr = 490 (Convert to Integer)
Cor = Corr -1
Cor = 489
%Error =(Measured Energy - Real Energy)/Real Energy x 100
Krx = 641454 / Unom / Imax / M x 3600 x 1000 / 495 x (1 +
%Error / 100 )
Krx = 641454 / 230 / 80 / 6400 x 3600 x 1000 / 495 x 1.0283
Krx = 40.73661
Krx = 41 (Round up and make integer value)
Kr = Krx-1
Kr = 41-1
Kr=40
Corr = 495 x (1 + (Krx - (Kr + 1)) / Krx)
Corr = 495 x (1 + (40.7366 - 41) / 40.7366
Corr = 495 x 0.993534
Corr = 491.7995
Corr = 492 (Convert to Integer)
Cor = Corr-1
Cor = 491
The following example shows how to calibrate the meter
D14[2]
Metering direction select
0
1
Bi-directional energy measurement
Positive energy measurement
D14[3]
DC or AC measurement mode
0
1
AC measurement mode
DC measurement mode
D14[0]
Creep threshold
0
1
0.02% of rated current
0.01% of rated current
creep threshold. The creep threshold is implemented to
prevent the meter from accumulating energy when no load is
connected.
Cs is made up of bit 0 of byte D14.
Metering direction select (Ds)
The SA2002P may be configured to measure positive energy
or positive and negative energy.
Ds is made up of bit 2 of byte D14.
DC or AC measurement mode (Dc)
The SA2002P may be configured to measure AC energy or DC
energy. In case of AC measurement selection, the device will
track the mains frequency for offset cancellation purposes. In
DC measurement mode the device is locked to a fixed
frequency for offset cancellation. The FMO output is switched
to 28Hz in DC mode.
Dc is made up of bit 3 of byte D14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com