Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002P Datasheet(PDF) 3 Page - Sames

Part # SA2002P
Description  Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002P Datasheet(HTML) 3 Page - Sames

  SA2002P Datasheet HTML 1Page - Sames SA2002P Datasheet HTML 2Page - Sames SA2002P Datasheet HTML 3Page - Sames SA2002P Datasheet HTML 4Page - Sames SA2002P Datasheet HTML 5Page - Sames SA2002P Datasheet HTML 6Page - Sames SA2002P Datasheet HTML 7Page - Sames SA2002P Datasheet HTML 8Page - Sames SA2002P Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
sames
SA2002P
http://www.sames.co.za
Figure 2: Pin connections: Package: PDIP16, SOIC16
Part Number
SA2002PPA
SA2002PSA
Package
PDIP16
SOIC16
ORDERING INFORMATION
PIN DESCRIPTION
dr-01606
1
IIN
GND
IIP
IVP
LED
DIRO
TEST
VREF
RLOAD
MOP
MON
SDA
2
3
4
5
611
10
9
8
7
12
13
14
15
16
SCL
V
DD
V
SS
FMO
Pin
Designation
Description
16
GND
Analog Ground. The voltage to this pin should be mid-way between V
and V .
DD
SS
5
VDD
Positive supply voltage. The voltage to this pin is typically +2.5V if a shunt resistor is used
for current sensing or in the case of a current transformer a +5V supply can be applied.
9
VSS
Negative supply voltage. The voltage to this pin is typically -2.5V if a shunt resistor is used
for current sensing or in the case of a current transformer a 0V supply can be applied.
15
IVP
Analog Input for Voltage. The current into the A/D converter should be set at 14µA
at
nominal mains voltage. The voltage sense input saturates at an input current of ±25µA peak.
RMS
1, 2
IIN, IIP
Inputs for current sensor. The shunt resistor voltage from each channel is converted to a
current of 16µA
at rated conditions. The current sense input saturates at an input current
of ±25µA peak.
RMS
3
VREF
This pin provides the connection for the reference current setting resistor. A 24k
resistor
connected to V
set the optimum operating condition.
W
SS
12
SCL
Serial clock output. This output is used to strobe data from the external EEPROM.
4
6
RLOAD
FMO
Triggers the SA2002P to reload data from the external EEPROM.
10
TEST
Test input. For normal operation this pin must be connected to VSS.
13
LED
Calibration LED output. Refer to section LED Output (LED) for the pulse rate output options.
11
SDA
Serial data. Send and receive data from an external EEPROM.
7, 8
MON, MOP
Motor pulse outputs. These outputs can be used to drive an impulse counter or stepper
motor directly.
Mains zero crossing output.
14
DIRO
Direction output. This output indicates the energy flow direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com