Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC333 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC333
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC333 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC333 Datasheet HTML 1Page - Hittite Microwave Corporation HMC333 Datasheet HTML 2Page - Hittite Microwave Corporation HMC333 Datasheet HTML 3Page - Hittite Microwave Corporation HMC333 Datasheet HTML 4Page - Hittite Microwave Corporation HMC333 Datasheet HTML 5Page - Hittite Microwave Corporation HMC333 Datasheet HTML 6Page - Hittite Microwave Corporation HMC333 Datasheet HTML 7Page - Hittite Microwave Corporation HMC333 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7
7 - 206
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Upconverter Performance
Conversion Gain @ LO = 0 dBm
Input P1dB vs. Vdd @ LO = 0 dBm
Input IP3 vs. Vdd @ LO = 0 dBm*
Input IP3 vs. LO Drive*
Input P1dB vs.
Temperature @ LO = 0 dBm
Input IP3 vs.
Temperature @ LO = 0 dBm*
* Two-tone input power= -10 dBm each tone, 1 MHz spacing.
HMC333 / 333E
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 3.0 - 3.8 GHz
v01.0705
-20
-15
-10
-5
0
3
3.2
3.4
3.6
3.8
4
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
+2.7V
+3.0V
+3.3V
FREQUENCY (GHz)
0
5
10
15
20
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
+2.7V
+3.0V
+3.3V
FREQUENCY (GHz)
0
5
10
15
20
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
+25 C
-40 C
+85 C
FREQUENCY (GHz)
0
5
10
15
20
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
-2 dBm
0 dBm
+2 dBm
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
+25 C
-40 C
+85 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com