Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC333 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC333
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC333 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC333 Datasheet HTML 1Page - Hittite Microwave Corporation HMC333 Datasheet HTML 2Page - Hittite Microwave Corporation HMC333 Datasheet HTML 3Page - Hittite Microwave Corporation HMC333 Datasheet HTML 4Page - Hittite Microwave Corporation HMC333 Datasheet HTML 5Page - Hittite Microwave Corporation HMC333 Datasheet HTML 6Page - Hittite Microwave Corporation HMC333 Datasheet HTML 7Page - Hittite Microwave Corporation HMC333 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7
7 - 204
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC333 / 333E
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 3.0 - 3.8 GHz
v01.0705
General Description
Features
Functional Diagram
The HMC333 & HMC333E are single balanced mixer
ICs with integrated LO amplifiers. This converter IC
can operate as an upconverter or downconverter
between 3.0 GHz and 3.8 GHz. With the integrated LO
amplifier, the mixer requires an LO drive level of only
0 dBm, and requires only 7 mA from a single positive
+3V rail. The mixer has 8.5 dB of conversion loss, an
input P1dB of 0 dBm and an input third order intercept
point of +10 dBm at 3.5 GHz.
Integrated LO Amplifier w/ Pdiss: < 25 mW
Conversion Loss / Noise Figure: 8.5 dB
Low LO Drive Level: 0 dBm
Input IP3: +10 dBm
Single Positive Supply: 3V to 5V
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC333 / HMC333E is ideal for:
• Wireless Local Loop
Parameter
IF = 100 MHz
LO = 0 dBm & Vdd = +3V
Units
Min.
Typ.
Max.
Frequency Range, RF & LO
3.0 - 3.8
GHz
Frequency Range, IF
DC - 1.0
GHz
Conversion Loss
8.5
11
dB
Noise Figure (SSB)
8.5
11
dB
LO to RF Isolation
10
15
dB
LO to IF Isolation
5
10
dB
RF to IF Isolation
10
15
dB
IP3 (Input)
310
dBm
1 dB Compression (Input)
-3
+1
dBm
Supply Current (Idd)
7mA
* Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.


Similar Part No. - HMC333

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC333 HITTITE-HMC333 Datasheet
249Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC333 HITTITE-HMC333 Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC333 HITTITE-HMC333 Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC333E HITTITE-HMC333E Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC333 HITTITE-HMC333_08 Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
More results

Similar Description - HMC333

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC333 HITTITE-HMC333 Datasheet
249Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC552LP4 HITTITE-HMC552LP4 Datasheet
300Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC333 HITTITE-HMC333_08 Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com