Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54C Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT54C
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54C Datasheet(HTML) 1 Page - STMicroelectronics

  BAT54C Datasheet HTML 1Page - STMicroelectronics BAT54C Datasheet HTML 2Page - STMicroelectronics BAT54C Datasheet HTML 3Page - STMicroelectronics BAT54C Datasheet HTML 4Page - STMicroelectronics BAT54C Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAT54, A, C, S
®
June 1999 - Ed: 3A
SMALL SIGNAL SCHOTTKY DIODE
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD VOLTAGE DROP
SURFACE MOUNT DEVICE
FEATURES AND BENEFITS
Schottky barrier diodes encapsulated in a SOT-23
small SMD packages.
Double diodes with different pining are available.
DESCRIPTION
SOT-23
K
K
A
A
Nc
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF
Continuous forward current
0.3
A
IFSM
Surge non repetitive forward current
tp=10ms sinusoidal
1
A
Ptot
Power dissipation (note 1)
Tamb = 25°C
250
mW
Tstg
Maximum storage temperature range
- 65 to +150
°C
Tj
Maximum operating junction temperature *
150
°C
TL
Maximum temperature for soldering during 10s
260
°C
Note 1: for double diodes, Ptot is the total dissipation of both diodes.
ABSOLUTE RATINGS (limiting values)
BAT54
A2
A2
A1
A1
K
K
BAT54C
A2
A2
A1
K2
A1
K2
K1
K1
BAT54S
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
K2
K2
K1
K1
A
A
BAT54A
1/5


Similar Part No. - BAT54C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54C PHILIPS-BAT54C Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
Zetex Semiconductors
BAT54C ZETEX-BAT54C Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Rectron Semiconductor
BAT54C RECTRON-BAT54C Datasheet
16Kb / 1P
DUAL SURFACE MOUNT SCHOTTKY
logo
Fairchild Semiconductor
BAT54C FAIRCHILD-BAT54C Datasheet
195Kb / 3P
Schottky Barrier Diode
More results

Similar Description - BAT54C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com