Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54C Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAT54C
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54C Datasheet(HTML) 3 Page - STMicroelectronics

  BAT54C Datasheet HTML 1Page - STMicroelectronics BAT54C Datasheet HTML 2Page - STMicroelectronics BAT54C Datasheet HTML 3Page - STMicroelectronics BAT54C Datasheet HTML 4Page - STMicroelectronics BAT54C Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1E-3
1E-2
1E-1
1E+0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IM(A)
Ta=25°C
Ta=50°C
Ta=100°C
IM
t
δ=0.5
t(s)
Fig.3 : Non repetitive surge peak forward current
versus overload duration (maximum values).
0
5
10
15
20
25
30
1E-2
1E-1
1E+0
1E+1
1E+2
VR(V)
IR(µA)
Tj=50°C
Tj=25°C
Tj=100°C
Fig.5 : Reverse leakage current versus reverse
voltage applied (typical values).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
0.01
0.10
1.00
tp(s)
Zth(j-a)/Rth(j-a)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig.4 : Relative variation of thermal impedance
junction to ambient versus pulse duration (alumine
substrate 10mm x 8mm x 0.5mm).
0
25
50
75
100
125
150
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
IR(µA)
VR=30V
Tj(°C)
Fig.6 : Reverse leakage current versus junction
temperature.
12
5
10
20
30
1
2
5
10
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig.7 : Junction capacitance versus reverse
voltage applied (typical values).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1E-4
1E-3
1E-2
1E-1
5E-1
VFM(V)
IFM(A)
Tj=100°C
Tj=50°C
Tj=25°C
Fig.8 : Forward voltage drop versus forward
current (typical values).
BAT54, A, C, S
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com