Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54W Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT54W
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54W Datasheet(HTML) 2 Page - STMicroelectronics

  BAT54W Datasheet HTML 1Page - STMicroelectronics BAT54W Datasheet HTML 2Page - STMicroelectronics BAT54W Datasheet HTML 3Page - STMicroelectronics BAT54W Datasheet HTML 4Page - STMicroelectronics BAT54W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameters
Tests conditions
Min.
Typ.
Max.
Unit
VF *
Forward voltage drop
Tj = 25
°CIF = 0.1 mA
240
mV
IF = 1 mA
320
IF = 10 mA
400
IF = 30 mA
500
IF = 100 mA
900
IR **
Reverse leakage current
Tj = 25
°CVR =30 V
1
µA
Tj = 100
°C
100
Pulse test :
* tp = 380
µs, δ <2%
** tp = 5 ms,
δ <2%
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameters
Tests conditions
Min.
Typ.
Max.
Unit
C
Junction
capacitance
Tj=25
°CVR = 1 V F = 1 MHz
10
pF
trr
Reverse recovery
time
IF =10 mA IR =10 mA Tj = 25
°C
Irr = 1 mA
RL = 100
Ω
5ns
DYNAMIC CHARACTERISTICS (Tj = 25
°C)
Symbol
Parameters
Value
Unit
Rth (j-a)
Junction to ambient (*)
SOD-323
550
°C/W
SOT-323
°C/W
(*) Mounted on epoxy board, with recommended pad layout.
THERMAL RESISTANCE
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
0.00E+0
2.00E-3
4.00E-3
6.00E-3
8.00E-3
1.00E-2
1.20E-2
1.40E-2
1.60E-2
1.80E-2
2.00E-2
VFM(V)
IFM(A)
Tj=100
°C
Tj=50
°C
Tj=25
°C
Fig. 1-1: Forward voltage drop versus forward
current (typical values, low level).
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
1E-3
1E-2
1E-1
5E-1
VFM(V)
IFM(A)
Tj=100
°C
Tj=50
°C
Tj=25
°C
Fig. 1-2: Forward voltage drop versus forward
current (typical values, high level).
BAT54J / W / AW / CW / SW
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com