Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54W Datasheet(PDF) 5 Page - STMicroelectronics

Part # BAT54W
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54W Datasheet(HTML) 5 Page - STMicroelectronics

  BAT54W Datasheet HTML 1Page - STMicroelectronics BAT54W Datasheet HTML 2Page - STMicroelectronics BAT54W Datasheet HTML 3Page - STMicroelectronics BAT54W Datasheet HTML 4Page - STMicroelectronics BAT54W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA
SOD-323
H
b
D
E
A1
A
L
Q1
c
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.17
0.046
A1
0
0.1
0
0.004
b
0.25
0.44
0.01
0.017
c
0.1
0.25
0.004
0.01
D
1.52
1.8
0.06
0.071
E
1.11
1.45
0.044
0.057
H
2.3
2.7
0.09
0.106
L
0.1
0.46
0.004
0.02
Q1
0.1
0.41
0.004
0.016
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BAT54W
D73
SOT-323
0.006g
3000
Tape & reel
BAT54AW
D74
SOT-323
0.006g
3000
Tape & reel
BAT54CW
D77
SOT-323
0.006g
3000
Tape & reel
BAT54SW
D78
SOT-323
0.006g
3000
Tape & reel
BAT54J
86
SOD-323
0.005g
3000
Tape & reel
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringementof patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
BAT54J / W / AW / CW / SW
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com