Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC341 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC341
Description  GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC341 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC341_07 Datasheet HTML 1Page - Hittite Microwave Corporation HMC341_07 Datasheet HTML 2Page - Hittite Microwave Corporation HMC341_07 Datasheet HTML 3Page - Hittite Microwave Corporation HMC341_07 Datasheet HTML 4Page - Hittite Microwave Corporation HMC341_07 Datasheet HTML 5Page - Hittite Microwave Corporation HMC341_07 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
1 - 11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND IS .004” SQUARE
4. BACKSIDE METALLIZATION: GOLD
5. BOND PAD METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND.
7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
Drain Bias Voltage (Vdd)
+5.5 Vdc
RF Input Power (RFIN)(Vdd = +3.0 Vdc)
+3 dBm
Channel Temperature
175 °C
Continuous Pdiss (T = 85 °C)
(derate 3.44 mW/°C above 85 °C)
0.310 W
Thermal Resistance
(channel to die bottom)
290 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate
GP-2
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
HMC341
v01.1007
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 30 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com