Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC341 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC341
Description  GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC341 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC341_07 Datasheet HTML 1Page - Hittite Microwave Corporation HMC341_07 Datasheet HTML 2Page - Hittite Microwave Corporation HMC341_07 Datasheet HTML 3Page - Hittite Microwave Corporation HMC341_07 Datasheet HTML 4Page - Hittite Microwave Corporation HMC341_07 Datasheet HTML 5Page - Hittite Microwave Corporation HMC341_07 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1 - 12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Assembly Diagrams
Pad Number
Function
Description
Interface Schematic
1
RFIN
This pad is AC coupled and matched to 50 Ohms.
2
RFOUT
This pad is AC coupled and matched to 50 Ohms.
3Vdd
Power Supply for the 2-stage amplifier. An external RF bypass capaci-
tor of 100 - 300 pF is required. The bond length to the capacitor should
be as short as possible. The ground side of the capacitor should be
connected to the housing ground.
Pad Descriptions
HMC341
v01.1007
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 30 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com