Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2383 Datasheet(PDF) 1 Page - Santronics Inc

Part # 2383
Description  DUAL CONDUCTOR METAL WRIST STRAP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

2383 Datasheet(HTML) 1 Page - Santronics Inc

  2383 Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The Dual Conductor Metal Wrist Straps are a durable premium
performance metal wristband that creates a reliable electrical contact
to the user’s wrist. The wristband provides 360-degree protection and
three size options allow for conformance to most user’s wrists. Meets
the resistance requirements of ANSI/ESD S20.20-2014, EIA 625.
DRAWING
NUMBER
2381
DATE
June
2019
© 2019 DESCO INDUSTRIES INC
Employee Owned
DUAL CONDUCTOR METAL WRIST STRAP
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE: EAST: (919) 718-0000 | WEST: (909) 627-9634
Made in the
United States of America
Specifications and procedures subject to change without notice.
Unless otherwise noted, tolerance ±10%
Specifications
Typical Value
Length
5 feet (1.5m)
Resistance
1 megohm
Flex Life Average
1,000,000 cycles
Plug Size
3.4mm
Plug Type
Straight
Color
Gray
Coil Cord
Specifications
Typical Value
Metal
Stainless Steel
Contact
360 degrees around wrist
Color
Black
Plug Size
3.4mm
Cord Removal Force
< 5lbs.
Band Circumference
Min.
Max.
Small
5" (127mm)
6" (152.4mm)
Medium
5.75" (146mm)
7" (177.8mm)
Large
6.5" (165.1mm) 7.75" (196.9mm)
Wristband
Item
Description
2381
Metal Wrist Strap with 5' Coil Cord, Small
2382
Metal Wrist Strap with 5' Coil Cord, Medium
2383
Metal Wrist Strap with 5' Coil Cord, Large
2384
Metal Wristband, Small
2385
Metal Wristband, Medium
2386
Metal Wristband, Large
2387
Metal Wristband, X-Large


Similar Part No. - 2383

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2383 KR-2383 Datasheet
22Kb / 2P
Bandpass Filter
logo
Pomona Electronics
2383 POMONA-2383 Datasheet
33Kb / 1P
Miniature Insulating Binding Post With Double Mounting Base
logo
Heyco.
2383 HEYCO-2383 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
Adafruit Industries
2383 ADAFRUIT-2383 Datasheet
84Kb / 2P
NinjaFlex - 1.75mm Diameter - Almond- Peach Smoothie - 0.50Kg
logo
Keystone Electronics Co...
2383 KEYSTONE-2383 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
More results

Similar Description - 2383

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
Wrist Strap, Elastic, ESD
6082 POMONA-6082 Datasheet
23Kb / 1P
Elastic Wrist Strap With Clip & Cord
6083 POMONA-6083 Datasheet
22Kb / 1P
Metal Wrist Strap, ESD
6084 POMONA-6084 Datasheet
38Kb / 1P
Metal Wrist Strap with Clip and Cord, ESD
6086 POMONA-6086 Datasheet
100Kb / 3P
ESD Wrist Strap Tester
logo
3M Electronics
2272 3M-2272 Datasheet
126Kb / 1P
3M Wrist Strap - Adjustable Elastic Fabric (Economy Performance)
17-Apr-2009
logo
List of Unclassifed Man...
63060 ETC2-63060 Datasheet
54Kb / 1P
ECONOMY WRIST STRAP WITH 7MM SNAP
logo
Tripp Lite. All Rights ...
P999000 TRIPPLITE-P999000 Datasheet
476Kb / 1P
ESD Anti-Static Wrist Strap Band with Grounding Wire
P999-000 TRIPPLITE-P999-000 Datasheet
159Kb / 2P
ESD Anti-Static Wrist Strap Band with Grounding Wire
logo
Bertech.
AMWS BERTECH-AMWS Datasheet
113Kb / 1P
ESD Metal Wrist Straps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com