Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1050 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA1050
Description  CD-Audio one-chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1050 Datasheet(HTML) 4 Page - STMicroelectronics

  STA1050 Datasheet HTML 1Page - STMicroelectronics STA1050 Datasheet HTML 2Page - STMicroelectronics STA1050 Datasheet HTML 3Page - STMicroelectronics STA1050 Datasheet HTML 4Page - STMicroelectronics STA1050 Datasheet HTML 5Page - STMicroelectronics STA1050 Datasheet HTML 6Page - STMicroelectronics STA1050 Datasheet HTML 7Page - STMicroelectronics STA1050 Datasheet HTML 8Page - STMicroelectronics STA1050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Pin function description
STA1050
4/11
2
Pin function description
Table 1.
Pin List- LQFP128
N°
Name
Description
Pin Type
1
DRD15/FLASH_D7
SDRAM Data 15 or FLASH Data 7
bidir, 3.3V, 2mA
2
DRD0/GPC0
SDRAM Data 0 or ST7 GPIO PC0
bidir, 3.3V, 2mA
3
VDDPAD5
3.3V
Vdd
4
VDDPAD1
3.3V
Vdd
5
RESETN
Hardware reset input (pull-up)
in, 3.3V
6
TESTEN
Test enable signal (Active low)
in, 3.3V
7
I2C_SDA/GPB5
I2C I/F data or ST7 GPIO PB5
i2c dedicated
8
I2C_SCL/GPB4
I2C I/F clock or ST7 GPIO PB4
i2c dedicated
9
I2C_CRQ
I2C CRQ lime or ST7 GPIO PA0
i2c dedicated
10
#nc
to be connected to ground on PCB
11
#nc
to be connected to ground on PCB
12
PLL_VSS18P
PLL Digital&Analog ground
Vss
13
PLL_VDDA33P
PLL 3.3 Analog power supply
Vdd
14
#nc
to be connected to ground on PCB
15
PLL_XTI
Crystal input
analog in
16
PLL_XTO
Crystal output
analog out
17
#nc
to be connected to ground on PCB
18
PLL_VDDA18P
PLL 1.8V Analog power supply
Vdd
19
PLL_VDD18P
PLL 1.8V Digital power supply
Vdd
20
FE_VSSA33S
Ground for servo channels
Vss
21
FE_A
OPU “A” input
analog in
22
FE_C
OPU “C” input
analog in
23
FE_B
OPU “B” input
analog in
24
FE_D
OPU “D” input
analog in
25
FE_E
OPU “E” input
analog in
26
FE_F
OPU “F” input
analog in
27
FE_VDDA33S
3.3V Analog for servo channels/ 3.3V for AFE pad ring
(decoupling cap to Vssa)
Vdd
28
FE_VDDPAD1
3.3V for AFE pad ring
Vdd
29
FE_ADCIN1
General purpose ADC input 1
analog in
30
FE_ADCIN2
General purpose ADC input 2
analog in
31
FE_VREF_ADC
General purpose ADC Vtop reference output
analog out
32
FE_VREF_OUT
External Vref Pickup (decoupling cap 1nF)
analog out



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com