Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1050 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA1050
Description  CD-Audio one-chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1050 Datasheet(HTML) 5 Page - STMicroelectronics

  STA1050 Datasheet HTML 1Page - STMicroelectronics STA1050 Datasheet HTML 2Page - STMicroelectronics STA1050 Datasheet HTML 3Page - STMicroelectronics STA1050 Datasheet HTML 4Page - STMicroelectronics STA1050 Datasheet HTML 5Page - STMicroelectronics STA1050 Datasheet HTML 6Page - STMicroelectronics STA1050 Datasheet HTML 7Page - STMicroelectronics STA1050 Datasheet HTML 8Page - STMicroelectronics STA1050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STA1050
Pin function description
5/11
33
FE_VDDA33R
Analog 3.3V for Bandgap
Vdd
34
FE_CEXT
external cap for bandgap (1nF)
analog
35
FE_REXT
external res for bandgap (25kOhm)
analog
36
FE_VSSA33R
Analog Ground Bandgap
Vss
37
FE_MD_LAS
Laser driver input from monitor diode
analog in
38
FE_CAP_LAS
Laser driver compensation cap (30nF)
analog
39
FE_LD_LAS
First Laser driver output
analog out
40
FE_LD1_LAS
Second Laser driver output
analog out
41
FE_VDDPAD2
3.3V for AFE pad ring
Vdd
42
FE_VDDA33T
Analog 3.3V for test buffer
Vdd
43
FE_TESTP
Test Buffer Positive Output
analog out
44
FE_TESTN
Test Buffer Negative Output
analog out
45
FE_VSSA33T
Analog Ground Test Buffer
Vss
46
FE_VDDA18AD
Analog 1.8V ADC
Vdd
47
FE_VSSA18AD
Analog ground ADC
Vss
48
#nc
to be connected to ground on PCB
49
FFSR
Focusing actuator control signal output - PDM
bidir, 3.3V, 2mA
50
#nc
to be connected to ground on PCB
51
REFFSR
Clock (50% duty cycle) for Actuator PDM reference
bidir, 3.3V, 2mA
52
SPDL
Spindle motor control signal output - PDM
bidir, 3.3V, 2mA
53
SLED1
SLED motor control signal output1 (stepping/DC) - PDM
bidir, 3.3V, 2mA
54
SLED2
SLED motor control signal output2 (stepping) -PDM
bidir, 3.3V, 2mA
55
ICC1/GPB6
Serial interface TX or ST7 GPIO PB6
bidir, 3.3V, 2mA
56
ICC2/GPB7
Serial interface RX or ST7 GPIO PB7
bidir, 3.3V, 2mA
57
VDD_TOP
Core VDD 1.8V
Vdd
58
TFSR
Tracking actuator control signal output - PDM
bidir, 3.3V, 2mA
59
VSS_TOP
Core VSS Ground
Vss
60
VSSPAD1
Pad Ring ground
Vss
61
VDDPAD2
3.3V for Digital Pad Ring
Vdd
62
VDDPAD3
3.3V for Digital Pad Ring
Vdd
63
ICD_N
On-Chip-Emulator enable
in, 3.3V
64
DRD4/FLASH_OE
SDRAM Data 4 or FLASH Output Enable
bidir, 3.3V, 2mA
65
GPB0/CAV
ST7 GPIO PB0 or CAV feedback input
bidir, 3.3V, 2mA
66
GPA7
ST7 GPIO PA7 (external interrupt)
bidir, 3.3V, 2mA
67
GPA6
ST7 GPIO PA6
bidir, 3.3V, 2mA
Table 1.
Pin List- LQFP128 (continued)
N°
Name
Description
Pin Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com