Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL04HV-2E22-22PE-B-R Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL04HV-2E22-22PE-B-R
Description  Circular connector, connector standard EN61984, TÜV, Individually waterproofed type, 4 pos., Pin, Contact arrangement code: 22-22 , Panel mount receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL04HV-2E22-22PE-B-R Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JL04HV-2E22-22PE-B-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL04HV-2E22-22PE-B-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL04HV-2E22-22PE-B-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Contact Size
#8
Shell Size
22
Contact Arrangement Code
22-22
Contact Size X No. of Contacts
#8*4
Applicable Wire (Cross-
sectional Area of Conductor)
(mm2 max.)
10
Alternative Insert Position
(deg.)
0
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Silver plating
Outer Shell Color
Black system interference color
Total Current Rating (A)
189
Contact Resistance (milliohm
max.)
2
Dielectric Withstanding
Voltage (VACr.m.s. 1minute)
2,000
Insulation Resistance
(megaohm min. )
1,000
Operating Temperature Range
(deg. C)
-55 Deg. C to +125 Deg. C
Applicable Accessory
  
Applicable Product Part
Numbers
  
Applicable Cable Diameter
  
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Combination
JL04V-8A22-22SE-EB1H-R
JL04V-6A22-22SE-EB1-R
JL04V-6A22-22SE-EB-R
JL04V-6A22-22SE-R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com