Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL04HV-2E22-22PE-B-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL04HV-2E22-22PE-B-R
Description  Circular connector, connector standard EN61984, TÜV, Individually waterproofed type, 4 pos., Pin, Contact arrangement code: 22-22 , Panel mount receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL04HV-2E22-22PE-B-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JL04HV-2E22-22PE-B-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL04HV-2E22-22PE-B-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL04HV-2E22-22PE-B-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JL04HV-2E22-22PE-B-R
Features
Circular connector, connector standard EN61984, TÜV, Individually waterproofed type, 4 pos., Pin, Contact arrangement code:
22-22 , Panel mount receptacle
Part Number
JL04HV-2E22-22PE-B-R
Status
Active
Number of Positions
4 pos.
Rated Current (A)
57 A
Rated Voltage (AC Vr.m.s.)
250 (Pollution degree: 3/ Over voltage category: III)
Waterproof/ Non-waterproof
Individually waterproofed
Applications
Machine tools, Servomotors, Robots, Semiconductor Equipment, FA equipment,
Industrial equipment, Rolling stock, Vessels, Telecommunications devices,
Measurement equipment, Broadcast systems, Medical equipment, Computers and
peripherals, and other electronic/ electric equipment.
Connector Type
Panel mount receptacle
Connector Style
  
Contact Type
Pin
Wire Termination Method
Soldering
Applicable Wire Size (AWG)
-
Coupling Style
Threaded
Product Details


Similar Part No. - JL04HV-2E22-22PE-B-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JL04-1012CK05-CR-R JAE-JL04-1012CK05-CR-R Datasheet
173Kb / 1P
GLAND NUT ALUMINUM ALLOY
JL04-1012CK05-R JAE-JL04-1012CK05-R Datasheet
171Kb / 1P
CLAND NUT ALUMINUM ALLOY
JL04-1012CK06-CR-R JAE-JL04-1012CK06-CR-R Datasheet
173Kb / 1P
GLAND NUT ALUMINUM ALLOY
JL04-1012CK06-R JAE-JL04-1012CK06-R Datasheet
171Kb / 1P
CLAND NUT ALUMINUM ALLOY
JL04-10EBH-RK JAE-JL04-10EBH-RK Datasheet
101Kb / 3P
Circular connector, connector standard EN61984, Waterproof, Applicable shell size: 10 , Right angle End-bell
More results

Similar Description - JL04HV-2E22-22PE-B-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-CR-03BFFA-L180-WP-R ASSMANN-A-CR-03BFFA-L180-WP-R Datasheet
266Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-03MMA-L180-WP-R ASSMANN-A-CR-03MMA-L180-WP-R Datasheet
252Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-03PMMP-LC-WP-R ASSMANN-A-CR-03PMMP-LC-WP-R Datasheet
261Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-04BFFA-L180-WP-R ASSMANN-A-CR-04BFFA-L180-WP-R Datasheet
252Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-05BFFA-L180-WP-R ASSMANN-A-CR-05BFFA-L180-WP-R Datasheet
264Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-05BMMA-L180-WP-R ASSMANN-A-CR-05BMMA-L180-WP-R Datasheet
253Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
logo
Tyco Electronics
1658670 MACOM-1658670 Datasheet
89Kb / 1P
PIN CONTACT, 22-28 AWG, 22 DF, AMPLIMITE
1658670-4 MACOM-1658670-4 Datasheet
80Kb / 1P
PIN CONTACT, 22-28 AWG, 22 DF, AMPLIMITE
logo
NorComp
859-B04-103R004 NORCOMP-859-B04-103R004 Datasheet
67Kb / 1P
M12 // 4 POS // MALE // B CODE // PANEL MOUNT // PG9
REV.00
logo
Japan Aviation Electron...
JL04V-6A22-22SE-EB-R JAE-JL04V-6A22-22SE-EB-R Datasheet
67Kb / 4P
Straight plug, TÜV, Waterproof (when mated) type, 4 pos., Socket, Contact arrangement code: 22-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com