Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL0002 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # TL0002
Description  One Row - Female
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

TL0002 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  TL0002 Datasheet HTML 1Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 2Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 3Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 4Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS - mm(in.)
1.6 (0.06)
5.0 (0.20)
2.5 (0.10)
Finished hole
1 Row - PCB Right Angle Connector
1 Row - PCB Hole Layout For Right Angle Connector
With Latch
Part
Number
Description
PM103FRALOO
1x3 FEMALE Right Angle PCB Solder
PM104FRALOO
1x4 FEMALE Right Angle PCB Solder
PM106FRALOO
1x6 FEMALE Right Angle PCB Solder
PM108FRALOO
1x8 FEMALE Right Angle PCB Solder
Snap Bracket & Latch
Part
Number
Description
PM103FRALSB
1x3 FEMALE Right Angle PCB Solder
PM104FRALSB
1x4 FEMALE Right Angle PCB Solder
PM106FRALSB
1x6 FEMALE Right Angle PCB Solder
PM108FRALSB
1x8 FEMALE Right Angle PCB Solder
Bracket With Hole & Latch
Part
Number
Description
PM103FRALHB
1x3 FEMALE Right Angle PCB Solder
PM104FRALHB
1x4 FEMALE Right Angle PCB Solder
PM106FRALHB
1x6 FEMALE Right Angle PCB Solder
PM108FRALHB
1x8 FEMALE Right Angle PCB Solder
No Latch
Part
Number
Description
PM103FRAOOO
1x3 FEMALE Right Angle PCB Solder
PM104FRAOOO
1x4 FEMALE Right Angle PCB Solder
PM106FRAOOO
1x6 FEMALE Right Angle PCB Solder
PM108FRAOOO
1x8 FEMALE Right Angle PCB Solder
Snap Bracket & No Latch
Part
Number
Description
PM103FRAOSB
1x3 FEMALE Right Angle PCB Solder
PM104FRAOSB
1x4 FEMALE Right Angle PCB Solder
PM106FRAOSB
1x6 FEMALE Right Angle PCB Solder
PM108FRAOSB
1x8 FEMALE Right Angle PCB Solder
Bracket With Hole & No Latch
Part
Number
Description
PM103FRAOHB
1x3 FEMALE Right Angle PCB Solder
PM104FRAOHB
1x4 FEMALE Right Angle PCB Solder
PM106FRAOHB
1x6 FEMALE Right Angle PCB Solder
PM108FRAOHB
1x8 FEMALE Right Angle PCB Solder
ORDERING INFORMATION
A
15.2
(0.60)
10.4
(0.41)
ROWS
A
L1
L2
CONTACTS mm in. mm in. mm in.
1 - 03
28.5 1.12 10 0.39 22.3 0.88
1 - 04
33.5 1.32 15 0.59 27.3 1.07
1 - 06
43.5 1.71 25 0.98 37.3 1.47
1 - 08
53.5 2.11 35 1.38 47.3 1.86
PCB contacts and mounting accessories are designed for a board thickness of 1.60mm (.063) with a contact protrusion of 2.10 (.083).
Other contact lengths are available upon request.
9.4
(0.37)
www.andersonpower.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com