Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL0002 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # TL0002
Description  One Row - Female
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

TL0002 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  TL0002 Datasheet HTML 1Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 2Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 3Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 4Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PowerMod®
One Row - Female
SPECIFICATIONS
ORDERING INFORMATION
FEATURES
• High performance contacts
Rated to 30 amps per IEC 512-3
• Mechanically polarized housings
Only mate one-way, ensuring proper mating
• High reliability positive retention
latches
Are made from stainless steel to provide optimum
performance
• PCB, panel or cable mounting
A wide variety of contact styles with optional
mounting brackets, panel clips and back-shell
hoods provide broad design flexibility
The PowerMod® connector family offers
minimum size and high power. The high
performance contacts and insulator are rated
for 30 amps continuous. Applications
requiring lower operating temperatures can be
de-rated using our current-temperature chart.
The one row female PowerMod connectors
are offered in 3, 4, 6 and 8 circuit sizes. The
connectors are available with straight crimp,
straight PCB or right angle PCB contacts.
APP connectors are manufactured using the
finest materials and world-class
manufacturing processes. They embody the
highest quality in the industry and meet all
applicable industry standards.
PowerMod Part Number Plan - One Row Female
Series
Rows
# Poles
Gender Contact
Latch
Mounting
Customized Connector
P M
1
0 3
F
B A
L
C H
-
X
X
X
1
Consult factory for options
03, 04, 06, 08 Poles
OO - None
SB - R/A PCB Snap Bracket
F - Female
HB - R/A PCB Bracket with Hole
ST - Self-tapping screws for straight PCB mount
SP - Push in fastener for straight PCB mount
CH - With clam-shell hood
OO - None (Crimp contacts ordered separately)
PC - Panel Clip
SC - Screw for 1.6mm panel mount
L - Connector with latch (standard for contact type OO)
O - No latch
Electrical
Mechanical
Current Rating
IEC 512-3, UL 1977 (Amperes)
30
Mating Cycles No Load per IEC 512-5
1,000
UL / CSA Voltage Rating (AC/DC)
600
Mating / Unmating Force per IEC 512-13 10 oz (3N) avg.
Creepage / Clearance Distance
3.2 mm (.125") Min
Contact Retention per IEC 512-8
18 lb (80N) Crimp
Contact Resistance per IEC 512-2
3 milliohms
2,200
Materials
Insulator
Socket Body
Copper alloy, 200 µ inch Sn Bright over Ni
Socket Contact
BeCu, 30 µ inch Au over Ni
Retention Clips
Stainless steel
Hoods
PBT UL94 V-0
Operating Temperature (°C)
-55° to 180°
(°F)
-67° to 356°
Contact Wire Range (AWG)
#24 to #12
(mm²) *
0.25 to 4.0
BA - Straight PCB Solder Standard Length-RoHS
RA - R/APCB Solder Standard Length-RoHS
MC - Mounting Clip
* Stranding, IEC class 5 or lower
PPS UL94 V-0, material group IIIa
Dielectric Withstanding Voltage (AC)
9 lb (40N) PCB Connector
Tooling
Part
Number
Mil-Standard
Description
TM0001
M22520/1-01
AF8 hand tool
TP0001
N/A
WA27F pneumatic crimp tool
Turret & Locator for TM0001 & TP0001
TL0001
N/A
For pin contacts
TL0002
N/A
For socket contacts
PM1000G1 N/A
Four indent hand
tool with locator
PM1002G1 N/A
Contact insertion tool
PM1003G1 N/A
Contact extraction tool
www.andersonpower.com


Similar Part No. - TL0002

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
TL0002 APP-TL0002 Datasheet
1Mb / 8P
SBS® Connectors - up to 110 amps
More results

Similar Description - TL0002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7213 INTERSIL-ICM7213 Datasheet
47Kb / 6P
One Second/One Minute Timebase Generator
August 1997
ICM7213 INTERSIL-ICM7213_01 Datasheet
140Kb / 6P
One Second/One Minute Timebase Generator
December 2001
logo
Molex Electronics Ltd.
0354279710 MOLEX5-0354279710 Datasheet
129Kb / 2P
6.00mm (.236") Tab Wire-to-Wire Terminal, Female, One-Piece Type
logo
Assmann Electronics Inc...
AK579F-2-R ASSMANN-AK579F-2-R Datasheet
95Kb / 1P
Twisted Pair and One by One
logo
CUI INC
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
two switches; one isolated, one non-isolated
logo
PHOENIX CONTACT
2300559 PHOENIX-2300559 Datasheet
48Kb / 3P
Assembled round cable, with one 16-pos. and one 14-pos. female connector (for Emerson Delta V), cable length: 1 m
2300588 PHOENIX-2300588 Datasheet
79Kb / 3P
Assembled round cable, with one 16-pos. and one 14-pos. female connector (for Emerson Delta V), cable length: 2 m
logo
DATEL, Inc.
AA45D15-1 DATEL-AA45D15-1 Datasheet
131Kb / 1P
One by One, 30-Watt, 짹15Volts Output
logo
SparkFun Electronics
DEV-16267 SPARKFUN-DEV-16267 Datasheet
190Kb / 2P
GreatFET One
1??9??0
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
One by one human detection sensor
22-Mar-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com