Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4560 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC4560
Description  Single chip 802.11b/g WLAN radio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4560 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC4560 Datasheet HTML 1Page - STMicroelectronics STLC4560 Datasheet HTML 2Page - STMicroelectronics STLC4560 Datasheet HTML 3Page - STMicroelectronics STLC4560 Datasheet HTML 4Page - STMicroelectronics STLC4560 Datasheet HTML 5Page - STMicroelectronics STLC4560 Datasheet HTML 6Page - STMicroelectronics STLC4560 Datasheet HTML 7Page - STMicroelectronics STLC4560 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2008
Rev 1
1/8
8
STLC4560
Single chip 802.11b/g WLAN radio
Features
Extremely small footprint
Ultra low power consumption
Fully compliant with the IEEE 802.11b and
802.11g WLAN standards
Support for 54, 48, 36, 24, 18, 12, 9, and
6 Mbit/s OFDM, 11 and 5.5 Mbit/s CCK and
legacy 2 and 1 Mbit/s data rates
Single chip 802.11b/g WLAN solution with fully
integrated:
– zero IF (ZIF) transceiver
– voltage controlled oscillator (VCO)
– high-speed A/D and D/A converters
– OFDM and CCK baseband processor
– ARM9 media access controller (MAC)
– Mode selectable SPI or SDIO host interface
(up to 48 Mbps)
– passive components integration
– PA bias control
– flexible integrated power management unit
– glueless FEM interface
Intelligent power control, including 802.11
power save mode
Fully integrated Bluetooth coexistence
Applications
Cellular phones
Personal digital assistants (PDA)
Portable computers
Hand-held data transfer devices
Cameras
Computer peripherals
Cable replacement
Description
The STLC4560 is a single chip 802.11b/g WLAN
radio for embedded, low-power and very small
form factor mobile applications. The product
conforms to the IEEE 802.11b and 802.11g
protocols operating in the 2.45 GHz ISM
frequency band supporting OFDM data rates of
54, 48, 36, 24, 18, 12, 9, and 6 Mbit/s as well as
CCK data rates of 11 and 5.5 Mbit/s and legacy
data rates of 2 and 1 Mbit/s.
The STLC4560 is a fully integrated wireless radio
including a ZIF transceiver, RF Synthesizer/VCO,
high-speed data converters, an OFDM/CCK
digital baseband processor, an ARM9-based
MAC and a complete power management unit
with integrated PA bias control. In addition some
passive components are integrated further
reducing the overall reference design cost and
size. An external FEM completes a highly
integrated chip set solution.
Host control is provided by a flexible SPI or SDIO
serial interface. The SPI interface supports a
maximum clock rate of 48 MHz whereas the 4-bit
SDIO supports a maximum clock rate of 25 MHz.
For maximum flexibility, the STLC4560 accepts
system reference clock frequencies of 19.2, 26,
38.4 and 40 MHz. A reference design evaluation
platform of hardware and software is provided to
system integrators to rapidly enable wireless
connectivity to mobile platforms.
LFBGA240 (8.5x8x1.4mm)
www.st.com


Similar Part No. - STLC4560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
Single chip 802.11b/g WLAN radio
06-Feb-2006
More results

Similar Description - STLC4560

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
logo
STMicroelectronics
STLC4370 STMICROELECTRONICS-STLC4370 Datasheet
105Kb / 5P
Single Chip 802.11b/g WLAN Radio for Mobile Applications
13-Jan-2006
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
Single chip 802.11b/g WLAN radio
06-Feb-2006
STLC4420A STMICROELECTRONICS-STLC4420A Datasheet
486Kb / 40P
Single chip 802.11b/g/a WLAN radio
05-Mar-2006
logo
Realtek Semiconductor C...
RTL8189EM-CG REALTEK-RTL8189EM-CG Datasheet
433Kb / 21P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Richtek Technology Corp...
RTL8189ETV RICHTEK-RTL8189ETV Datasheet
647Kb / 23P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Realtek Semiconductor C...
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
802.11b/g/n 1T1R WLAN Mini Card
logo
Realtek Semiconductor C...
RTL8191SE REALTEK-RTL8191SE Datasheet
288Kb / 16P
SINGLE-CHIP IEEE 802.11b/g/n WLAN CONTROLLER with PCI EXPRESSTM INTERFACE
Rev. 0.4 Nov 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com