Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4560 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC4560
Description  Single chip 802.11b/g WLAN radio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4560 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC4560 Datasheet HTML 1Page - STMicroelectronics STLC4560 Datasheet HTML 2Page - STMicroelectronics STLC4560 Datasheet HTML 3Page - STMicroelectronics STLC4560 Datasheet HTML 4Page - STMicroelectronics STLC4560 Datasheet HTML 5Page - STMicroelectronics STLC4560 Datasheet HTML 6Page - STMicroelectronics STLC4560 Datasheet HTML 7Page - STMicroelectronics STLC4560 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical characteristics
STLC4560
4/8
Power consumption
VBATT
Input supply voltage
Power management unit
VBATT supply input
3.0
3.6
5.5
V
Standby current
25 oC, POWER_UP = 0V.
The resulting current is
mainly leakage
10
μA
Sleep mode current
25 oC, POWERUP = 1.86
V. The radio is operating
on the sleep clock at
32.768 kHz. Sleep mode
is a subset of PSM.
120
μA
Power save mode current
25 oC, 100 ms Beacon
period, 75 byte Beacons
@ 1 Mbit/s, short
preamble, DTIM = 6
610
μA
Receive or Idle current
25 oC, the radio is always
on, receiving beacons,
no TX
195
mA
PSM Receive current
25 oC, PSM, receiving
packets at 1.9Mbit/s at
the application layer
76
mA
Transmit current
25 oC, the radio is always
on, transmitting 1.9Mbit/s
at the application layer
199
mA
PSM Transmit current
25 oC, PSM, transmitting
1.9Mbit/s at the
application layer
49
mA
Supply
VIO
Input supply voltage
VIO input supply
determines host CMOS
logic levels for:
SPI_CSX, SPI_CLK,
SPI_DIN, SPI_DOUT,
HOST_IRQ,
LF_XTAL_IN, FREQ,
RF_ACTIVE, STATUS,
TX_CONF
1.62
1.86
1.98
V
Input supply current
VIO = 1.86 V
0.5
6
mA
Table 2.
Operating conditions and input power specifications
(continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com