Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC161 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BC161
Description  GENERAL PURPOSE TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC161 Datasheet(HTML) 1 Page - STMicroelectronics

  BC161 Datasheet HTML 1Page - STMicroelectronics BC161 Datasheet HTML 2Page - STMicroelectronics BC161 Datasheet HTML 3Page - STMicroelectronics BC161 Datasheet HTML 4Page - STMicroelectronics BC161 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC161
GENERAL PURPOSE TRANSISTORS
DESCRIPTION
The BC161 is a silicon planar epitaxial PNP
transistors in Jedec TO-39 metal case. They are
particularly designed for audio amplifiers and
switching application up to 1A.
The complementary NPN type is the BC141.
INTERNAL SCHEMATIC DIAGRAM
November 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collect or-Base Voltage (IE =0)
-60
V
VCEO
Collect or-Emitt er Voltage (IB =0)
-60
V
VEBO
Emitt er-Base Voltage (IC =0)
-5
V
IC
Collect or Current
-1
A
IB
Base Current
-0. 1
A
Ptot
Total Dissipation at Tamb
≤ 45 oC
at Tcase
≤ 45 oC
0.65
3.7
W
W
Tstg
St orage Temperature
-55 t o 175
oC
Tj
Max. Operating Junction Temperature
175
oC
TO-39
1/5


Similar Part No. - BC161

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC161 PHILIPS-BC161 Datasheet
50Kb / 8P
PNP medium power transistors
1997 May 12
logo
Siemens Semiconductor G...
BC161 SIEMENS-BC161 Datasheet
140Kb / 4P
PNP SILICON TRANSISTORS
logo
Micro Electronics
BC161 MICRO-ELECTRONICS-BC161 Datasheet
146Kb / 2P
PNP SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
BC161 CENTRAL-BC161 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Comset Semiconductor
BC161 COMSET-BC161 Datasheet
192Kb / 3P
GENERAL PURPOSE TRANSISTORS
More results

Similar Description - BC161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com