Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC161 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BC161
Description  GENERAL PURPOSE TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC161 Datasheet(HTML) 2 Page - STMicroelectronics

  BC161 Datasheet HTML 1Page - STMicroelectronics BC161 Datasheet HTML 2Page - STMicroelectronics BC161 Datasheet HTML 3Page - STMicroelectronics BC161 Datasheet HTML 4Page - STMicroelectronics BC161 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
35
200
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collect or Cut-off
Current (VBE =0)
VCE =-60 V
VCE =-60 V
Tamb =150
oC
-100
-100
nA
µA
V( BR)CBO
∗ Collector-Base
Breakdown Volt age
(IE =0)
IC =-100
µA-60
V
V( BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =-10 mA
-60
V
V(BR)EBO
∗ Emitter-Base
Breakdown Volt age
(IC =0)
IE =-100
µA-5
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =-100 mA
IB =-10 mA
IC =-500 mA
IB =-50 mA
IC =-1 A
IB = -100 mA
-0. 1
-0.35
-0. 6
-1
V
V
V
VBE(on)
∗ Base-Emitter On
Voltage
IC =-1 A
VCE = -1 V
-1
-1.7
V
hFE
∗
DC Current G ain
IC =-100
µAVCE =-1 V
for BC161
for BC161 Gr. 6
for BC161 Gr. 10
for BC161 Gr. 16
IC =-100 mA
VCE =-1 V
for BC161
for BC161 Gr. 6
for BC161 Gr. 10
for BC161 Gr. 16
IC =-1 A
VCE =-1 V
for BC161
for BC161 Gr. 6
for BC161 Gr. 10
for BC161 Gr. 16
40
40
63
100
110
46
80
120
140
63
100
160
26
15
20
30
250
100
160
250
fT
Transit ion F requency
IC =-50 mA
VCE =-10 V
50
MHz
CCBO
Collect or Base
Capacitance
IE =0
VCB =-20 V
f = 1MHz
15
30
pF
CEBO
Emitt er Base
Capacitance
IC =0
VCB = -0.5 V
f = 1MHz
180
pF
ton
Turn-on T ime
IC =-100 mA
IB1 = -5 mA
500
ns
toff
Turn-off T ime
IC =-100 mA
IB1 =IB2 = -5 mA
650
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1%
BC161
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com