Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14-6-RGBTW-BK Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 14-6-RGBTW-BK
Description  6C/14 AWG 41-Strand BC, LED RGB-TW Cable,Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

14-6-RGBTW-BK Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  14-6-RGBTW-BK Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Regulatory
UL :
Electrical & Physical Characteristics:
6.4A @ 25°C
Rated Voltage
300V
50.9 ±5pf/ft
Capacitance:
Test Voltage
800V/min
Dielectric Strength
Min AC1.5KV
28.5kgs
360*200*160
500ft/wooden spool
36
Marking:
STRUCTURED CABLE PRODUCTS---14/6-RGBTW ------E198137 SCP3 (UL) CL3R C(UL) CMR 6C
14AWG -------65 STRAND BC LED RGBTW CABLE-PVC JKT FT4 75C RoHS ZONE/DEVICE A B C D
E 0 1 2 3 4 5 6 7 8 9
****FEET
Packaging:
Approx.Weight
Approx.Dimension(mm)
Package
Packages per pallet
Impedance:
30±5Ω
Maximum current:
Conductor Resistance
Max 9.02 ohm/km at 20°C
Insulation Resistance
Min 50M
! *km at 20°C
Bend radius
Min 15D/120mm
Diameter
2.55mm +/-0.10mm
Colors
Black & Red &White & Green& Blue & Brown
Minimum installation temperature
0°C + 40°C
Operating Temperature Range
- 20°C + 75°C
Insulation
Material
PVC
Min.Thickness
0.28mm
AVG.Thickness
0.30mm
Jacket
Material
PVC
Min.Thickness
0.60mm
AVG.Thickness
0.63mm
Diameter
8.45mm +/-0.20mm
Rip Cord
Nylon
Color
Per request
EU RoHS 2011/65/EU Compliant
DESCRIPTION:
6C/14 AWG 41-Strand BC, LED RGB-TW Cable,Unshielded ,
UL CL2/3R FT4, PVC Jkt- Black- 500ft Spool
UL 13,Type CL2/3R
Application: Speaker cable
Construction Characteristics:
Conductor
Material
Stranded Bare Copper
Size
14AWG X 6C(2.11mm^2)
Construction
41/0.25mm +/-0.004mm
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742
SCP PART#: 14/6-RGBTW-BK


Similar Part No. - 14-6-RGBTW-BK

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
14-6 JST-14-6 Datasheet
682Kb / 8P
RING TONGUE (R type) Non-insulated
logo
Molex Electronics Ltd.
14-60-0021 MOLEX1-14-60-0021 Datasheet
161Kb / 3P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female,Single Row, Version A, Nonpolarized, Wire Size 24, 3.81關m (150關") Tin/Lead (SnPb), 2 Circuits
14-60-0022 MOLEX1-14-60-0022 Datasheet
174Kb / 3P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female,Single Row, Version G, Positive Lock, Wire Size 24, 3.81關m (150關") Tin/Lead (SnPb),2 Circuits
14-60-0023 MOLEX1-14-60-0023 Datasheet
163Kb / 3P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female,Single Row, Version A, Nonpolarized, Wire Size 26, 3.81關m (150關") Tin/Lead (SnPb), 2 Circuits
14-60-0024 MOLEX1-14-60-0024 Datasheet
177Kb / 3P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version G, Positive Lock, Wire Size 26, 3.81關m (150關") Tin/Lead (SnPb), 2 Circuits
More results

Similar Description - 14-6-RGBTW-BK

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1861A BELDEN-1861A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CMP
12-19-2022
5100UP BELDEN-5100UP Datasheet
144Kb / 2P
Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
04-13-2023
5000UP BELDEN-5000UP Datasheet
143Kb / 2P
Audio Cable, 2 Conductor 12 AWG, BC, Unshielded, CL3
04-13-2023
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
8818WB BELDEN-8818WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, Waterblocked
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
9717 BELDEN-9717 Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
12-20-2022
1811A BELDEN-1811A Datasheet
185Kb / 2P
Speaker Cable, 8 Conductor 14 AWG BC, Unshielded, PVC Jkt
04-24-2023
8814WB BELDEN-8814WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, Waterblocked
04-14-2023
5102UP BELDEN-5102UP Datasheet
147Kb / 2P
Audio Cable, 4 Conductor 14 AWG, BC, Unshielded, CM
05-01-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com