Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16-2FPLP-GN Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 16-2FPLP-GN
Description  2C/ 16 AWG SOLID FPLP PLENUM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

16-2FPLP-GN Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  16-2FPLP-GN Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION SHEET
12/03/2019
Product Number :
RoHS
16/2FPLP-
Conductor :
16 AWG Solid SBC Cond.
Total Cable Weight : 40 kg/km
Final Diameter :
0.172 inches
Insulation : PVC
Jacket : PVC
DC Resistance 25°C:
4.26 Ohms / 1000 ft
Mutual Capacitance : 24.7 pF/ft
Impedance :
69.3 Ohms
Velocity of Prop : 63 %
Inductance. :
1.4 mH/km
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print : STRUCTURED CABLE PRODUCTS - - - P/N 16/2FPLP - - - (UL) CL2P/CL3P
E198137 OR FPLP 75°C (UL) C(UL) CMP FT-6 UNSH 2/C 16 AWG SOLID ---
ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 RoHS
Cabled OD Avg: 0.116
Ins Thickness: 0.010
Jkt Thickness: 0.015
Certified: UL1424 CL2P/CL3P OR FPLP/
CMP Flame Rating: FT-6
Max Voltage: 300V
Part Spec Rev: 2
12/03/2019
( All of the above values are approximated to within
)
+/- 10%
Web:www.scpcat5e.com
Email:sales@scpcat5e.com
Package Weight: 26 lbs / 11.82 kgs
NEC Articles: 760 FPLP
Min. Bend Radius/Minor Axis: 1.204 inches
Operating Temperature : -20°C to 75°C
Standard UL Temp : 60°C


Similar Part No. - 16-2FPLP-GN

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
16-2FPLP-BL STRUCTURED-CABLE-16-2FPLP-BL Datasheet
634Kb / 1P
2C/ 16 AWG SOLID FPLP PLENUM
12/03/2019
16-2FPLP-SH STRUCTURED-CABLE-16-2FPLP-SH Datasheet
682Kb / 1P
2C/ 16 AWG SOLID FPLP PLENUM
12/03/2019
16-2FPLP-SH-WT STRUCTURED-CABLE-16-2FPLP-SH-WT Datasheet
684Kb / 1P
2C/12 AWG SOLID FPLP SHIELDED PLENUM
12/03/2019
16-2FPLP-WT STRUCTURED-CABLE-16-2FPLP-WT Datasheet
633Kb / 1P
2C/16 AWG SOLID FPLP PLENUM
12/03/2019
16-2FPLP-YL STRUCTURED-CABLE-16-2FPLP-YL Datasheet
634Kb / 1P
2C/16 AWG SOLID FPLP PLENUM
12/03/2019
More results

Similar Description - 16-2FPLP-GN

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3210 GENERAL-C3210 Datasheet
27Kb / 1P
2/C 16 SOLID BC HALAR INS. & PVDF JKT 2/C 16 AWG FPLP PLENUM CABLE
C4321A GENERAL-C4321A Datasheet
58Kb / 1P
2C 16 AWG Solid BC PVC / PVC Fire Alarm / Life Safety Cable
C4344A GENERAL-C4344A Datasheet
59Kb / 1P
2C 16 AWG Solid BC Shielded PVC / PVC Fire Alarm / Life Safety Cable
C9028A GENERAL-C9028A Datasheet
71Kb / 1P
2C 18 AWG 16/30 TC PVC / PVC
C9039A GENERAL-C9039A Datasheet
71Kb / 1P
2C 16 AWG 19/.0117 TC PVC / PVC
E2242S GENERAL-E2242S Datasheet
58Kb / 1P
2C 16 AWG 19/.0117 BC OAS PVC / PVC
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
E3612S GENERAL-E3612S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC OAS PVC / PVC
logo
Belden Inc.
6200UH BELDEN-6200UH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, Plenum
03-04-2023
6201UE BELDEN-6201UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Plenum
12-20-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com