Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1508 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 1508
Description  RF / Coaxial Adapter Mini UHF Plug-N Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1508 Datasheet(HTML) 1 Page - Multicomp Pro

  1508 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
05/02/21
RF / Coaxial Adapter
Mini UHF Plug-N Jack
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Item
Description
Qty Material Finish
1
Body
1
Brass
Nickel
2
Contact
1
Brass
Gold
3
Dielectric
1
PTFE
None
4
Retaining Ring
1
SK-5
None
5
Press Fit Sleeve
1
Brass
Nickel
6
Shell
1
Brass
Nickel
Specifications:
Impedance
: 50Ω
Voltage Rating
: 325V RMS at Sea Level
Frequency Range
: 0-2.5 GHz
Connector Type
: Inter Series Coaxial
Body Style
: Straight Adapter
Convert From Connector
: UHF Coaxial
Convert From Gender
: Plug
Convert To Connector
: N Coaxial
Description
Part Number
Mini UHF Male to N Female Adapter
1508
Part Number Table
Dimensions : Inches (Millimeters)
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Diagram


Similar Part No. - 1508

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1508 POMONA-1508 Datasheet
27Kb / 1P
Test Lead Holder
logo
Marathon Special Produc...
1508 MARATHON-1508 Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
logo
Infinite Electronics In...
1508 L-COM-1508 Datasheet
49Kb / 1P
N Male Straight Crimp For LMR240
10/26/09
logo
Pomona Electronics
1508 POMONA-1508 Datasheet
216Kb / 1P
Patch Cords and Test Leads
logo
Molex Electronics Ltd.
1508-0009 MOLEX1-1508-0009 Datasheet
138Kb / 4P
Flat Blade Crimp Terminal, Series 1508, Female, With Tin (Sn) Plated Brass Contact, 14-18 AWG (or 18 AWG Double Crimp), Reel Packaged
More results

Similar Description - 1508

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73047 POMONA-73047 Datasheet
106Kb / 1P
N Type Jack to UHF Plug Adapter
logo
Pasternack Enterprises,...
PE9705 PASTERNACK-PE9705 Datasheet
242Kb / 2P
Mini UHF Male to FME Plug Adapter
PE9710 PASTERNACK-PE9710 Datasheet
245Kb / 2P
Mini UHF Female to FME Jack Adapter
logo
Huber+Suhner, Inc.
31_N-UHF-0-10 HUBERSUHNER-31_N-UHF-0-10 Datasheet
488Kb / 2P
COAXIAL ADAPTER, N - UHF, X Ohm, jack / jack (female / female)
33_N-50-0-7133_N HUBERSUHNER-33_N-50-0-7133_N Datasheet
485Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, plug / jack (male / female)
33_N-UHF-0-10 HUBERSUHNER-33_N-UHF-0-10 Datasheet
505Kb / 2P
COAXIAL ADAPTER, N - UHF, X Ohm, plug / jack (male / female)
31_UHF-0-0-1022 HUBERSUHNER-31_UHF-0-0-1022 Datasheet
3Mb / 2P
COAXIAL ADAPTER, UHF, X Ohm, jack / jack (female / female)
33_UHF-BNC-0-1032 HUBERSUHNER-33_UHF-BNC-0-1032 Datasheet
4Mb / 2P
COAXIAL ADAPTER, UHF - BNC, X Ohm, plug / jack (male / female)
33_UHF-N-0-1032 HUBERSUHNER-33_UHF-N-0-1032 Datasheet
496Kb / 2P
COAXIAL ADAPTER, UHF - N, X Ohm, plug / jack (male / female)
33_UHF-TNC-0-1032 HUBERSUHNER-33_UHF-TNC-0-1032 Datasheet
493Kb / 2P
COAXIAL ADAPTER, UHF - TNC, X Ohm, plug / jack (male / female)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com