Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL2575 Datasheet(PDF) 11 Page - Texas Instruments

Part # TL2575
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL2575 Datasheet HTML 7Page - Texas Instruments TL2575 Datasheet HTML 8Page - Texas Instruments TL2575 Datasheet HTML 9Page - Texas Instruments TL2575 Datasheet HTML 10Page - Texas Instruments TL2575 Datasheet HTML 11Page - Texas Instruments TL2575 Datasheet HTML 12Page - Texas Instruments TL2575 Datasheet HTML 13Page - Texas Instruments TL2575 Datasheet HTML 14Page - Texas Instruments TL2575 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
VIN – Input Voltage – V
VOUT = 5 V
TJ = 25°C
Measured at GND pin
ILOAD = 1 A
ILOAD = 0.2 A
0
50
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
150
TJ – Junction Temperature – °C
VIN = 40 V
VIN = 12 V
V
= 5 V
ON/OFF
-10
-8
-6
-4
-2
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
150
TJ – Junction Temperature – °C
VIN = 40 V
VIN = 12 V
Normalized at TJ = 25°C
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0
0.2
0.4
0.6
0.8
1
ISW – Switch Current – A
TJ = –40°C
TJ = 25°C
TJ = 125°C
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
Figure 7. Quiescent Current
Figure 8. Standby Quiescent Current
Figure 9. Oscillator Frequency
Figure 10. Switch Saturation Voltage
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com